Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 9Page - NXP Semiconductors PCA9663 Datasheet HTML 10Page - NXP Semiconductors PCA9663 Datasheet HTML 11Page - NXP Semiconductors PCA9663 Datasheet HTML 12Page - NXP Semiconductors PCA9663 Datasheet HTML 13Page - NXP Semiconductors PCA9663 Datasheet HTML 14Page - NXP Semiconductors PCA9663 Datasheet HTML 15Page - NXP Semiconductors PCA9663 Datasheet HTML 16Page - NXP Semiconductors PCA9663 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
13 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
7.5.1 Channel registers
7.5.1.1
STATUS0_[n], STATUS1_[n], STATUS2_[n] — Transaction status registers
STATUS0_[n], STATUS1_[n], and STATUS2_[n] are 8-bit
 64 read-only registers that
provide status information for a given transaction. Only the 5 lower bits are used; the
top bits will always read 0. When some of these bits are set, a channel interrupt is
requested (the INT pin is asserted LOW). A read to STATUSx_[n] register will clear its
status. To clear all the STATUSx_[n] registers, a byte-by-byte read of all STATUSx_[n]
registers is required. The controller will auto-clear the STATUSx_[n] registers at each
START of a sequence when FRAMECNT = 1 and only at the first START when
FRAMECNT
 1.
Each register byte can be accessed by direct addressing so that the host can choose to
read the status on one or more individual transactions without having to read all
64 status bytes.
Remark: When STATUSx_[n] = 00h, no interrupt is requested and the transaction is in the
Done/Idle state.
During program execution, the TR and TA bits behave as follows:
Example, we are to transfer 3 transactions in a sequence. All initialization is completed
(loading of SLA, TRANCONFIG, DATA) and device is ready for serial transfer.
Before the STA bit is set, the STATUSx_[n] register will contain:
STATUSx_[0] = 0
STATUSx_[1] = 0
STATUSx_[2] = 0
STATUSx_[3] = 0
:
Table 4.
STATUSx_[n] - Transaction status code register bit description
Bit
Symbol Description
7:5
ST[7:5]
always reads 000
4
RSN
Read slave NACK. When HIGH, a NACK was received after a slave address was
transmitted on the serial bus on a read transaction. An interrupt will be requested.
3
WSN
Write slave NACK. When HIGH, a NACK was received after a slave address was
transmitted on the serial bus on a write transaction. An interrupt will be requested.
2
WDN
Write data NACK. When HIGH, a NACK was received for a data byte during a
write transaction on the serial bus. An interrupt will be requested.
1
TA
Transaction active. When 1, the transaction is currently active on the serial bus.
No interrupt is requested.
0
TR
Transaction ready. When 1, a transaction is loaded in the buffer and waiting to be
executed. No interrupt is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com