Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 8Page - NXP Semiconductors PCA9663 Datasheet HTML 9Page - NXP Semiconductors PCA9663 Datasheet HTML 10Page - NXP Semiconductors PCA9663 Datasheet HTML 11Page - NXP Semiconductors PCA9663 Datasheet HTML 12Page - NXP Semiconductors PCA9663 Datasheet HTML 13Page - NXP Semiconductors PCA9663 Datasheet HTML 14Page - NXP Semiconductors PCA9663 Datasheet HTML 15Page - NXP Semiconductors PCA9663 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Except TP and TE. Changing polarity of TP while TE is active will cause a false trigger.
[2]
The transaction count (TRANCONFIG[0]) can be written to during the idle period between sequences.
[3]
Refer to Section 7.3.2 “Buffer sizes” for channel memory allocation.
[4]
Controller ready = FFh immediately after POR or after a hardware reset or global reset. It will clear (00h) once the initialization routine is done.
Global registers
11
110
00
0
CTRLSTATUS
R
yes
controller status
00h
1
0
0
0
1
CTRLINTMSK
R/W
yes
master interrupt mask
00h
1
00
10
-
R
no
reserved
08h
00
11
-
R
no
reserved
00h
01
00
-
R
no
reserved
00h
01
01
-
R
no
reserved
00h
0
1
1
0
DEVICE_ID
R
no
device ID
63h
0
1
1
1
CTRLPRESET
R/W
yes
master parallel reset
00h
1
1
1
1
1
CTRLRDY[4]
R
no
controller ready register
FFh
1
Table 3.
PCA9663 register address map - direct register access …continued
7
6
5
4
3
2
1
0
Register name Access
Write access
while
CH active
Description
Default
Size
(bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com