Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9663 Datasheet HTML 1Page - NXP Semiconductors PCA9663 Datasheet HTML 2Page - NXP Semiconductors PCA9663 Datasheet HTML 3Page - NXP Semiconductors PCA9663 Datasheet HTML 4Page - NXP Semiconductors PCA9663 Datasheet HTML 5Page - NXP Semiconductors PCA9663 Datasheet HTML 6Page - NXP Semiconductors PCA9663 Datasheet HTML 7Page - NXP Semiconductors PCA9663 Datasheet HTML 8Page - NXP Semiconductors PCA9663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
5 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
TRST
13
I
JTAG test reset input. For normal operation, hold LOW (VSS).
TMS
14
I
JTAG test mode select input. For normal operation, hold HIGH
(VDD).
TCK
15
I
JTAG test clock input. For normal operation, hold HIGH (VDD).
TDI
16
I
JTAG test data in input. For normal operation, hold HIGH
(VDD).
TDO
17
O
JTAG test data out output. For normal operation, do not
connect (n.c.).
INT
20
O
Interrupt request: Active LOW, open-drain, output. This pin
requires a pull-up device.
SDA2
21
O
Channel 2 I2C-bus serial data input/output (open-drain).
This pin requires a pull-up device.
SCL2
22
O
Channel 2 I2C-bus serial clock input/output (open-drain).
This pin requires a pull-up device.
SDA1
25
O
Channel 1 I2C-bus serial data input/output (open-drain).
This pin requires a pull-up device.
SCL1
26
O
Channel 1 I2C-bus serial clock input/output (open-drain).
This pin requires a pull-up device.
SDA0
27
I/O
Channel 0 I2C-bus serial data input/output (open-drain).
This pin requires a pull-up device.
SCL0
28
I/O
Channel 0 I2C-bus serial clock input/output (open-drain).
This pin requires a pull-up device.
WR
31
I
Write strobe: When LOW and CE is also LOW, the content of
the data bus is loaded into the addressed register. Data are
latched on the rising edge of WR. CE may remain LOW or
transition with WR.
RD
32
I
Read strobe: When LOW and CE is also LOW, causes the
contents of the addressed register to be presented on the data
bus. The read cycle begins on the falling edge of RD. Data lines
are driven when RD and CE are LOW. CE may transition with
RD.
CE
33
I
Chip Enable: Active LOW input signal. When LOW, data
transfers between the host and the bus controller are enabled
on D0 to D7 as controlled by the WR, RD and A0 to A7 inputs.
When HIGH, places the D0 to D7 lines in the 3-state condition.
During the initialization period, CE must transition with RD until
controller is ready.
TRIG
34
I
Trigger input: provides the trigger to start a new frame.
RESET
36
I
Reset: Active LOW input. A LOW level resets the device to the
power-on state. Internally pulled HIGH through weak pull-up
current.
VDD(IO)
24
power
I/O power supply: 3.0 V to 5.5 V. Power supply reference for
I2C-bus pins. Sets the voltage reference point for VIL/VIH.
VSS(IO)
23
power
I/O supply ground.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com