Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 3Page - NXP Semiconductors PCA9663 Datasheet HTML 4Page - NXP Semiconductors PCA9663 Datasheet HTML 5Page - NXP Semiconductors PCA9663 Datasheet HTML 6Page - NXP Semiconductors PCA9663 Datasheet HTML 7Page - NXP Semiconductors PCA9663 Datasheet HTML 8Page - NXP Semiconductors PCA9663 Datasheet HTML 9Page - NXP Semiconductors PCA9663 Datasheet HTML 10Page - NXP Semiconductors PCA9663 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
7 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
DATA until the entire sequence is loaded. If the transaction is a read transaction, the host
must write a dummy byte (i.e., FFh) for each expected serial read byte to reserve the
memory space in the buffer for the transaction.
Care should be taken so as to not overflow the buffer with excessive read/write
commands. In the event of an overflow, represented by the BE bit in the CTRLSTATUS
register, will be set to logic 1. The INT pin will be set LOW if the BEMSK bit in the
CTRLINTMSK register is logic 0. To recover the channel, a channel reset is required. All
configuration and data needs to be checked by the host and resent to the I2C-bus
controller. (See Section 7.3.2 “Buffer sizes”.)
After sending all the commands and data it wanted to the I2C-bus controller, the host
could either continue to program data for other channels or write to the CONTROL
register to begin data transmission on the current channel. The transactions will be sent
on the I2C-bus in the order in which the slave addresses are listed in the SLATABLE,
separated by a RESTART condition. The last transaction in the sequence will end with a
STOP condition.
If during a READ command a NACK on the slave address is received, the buffer space
allocated for the read will remain untouched and will contain the last information written in
that location. A buffer read on the parallel bus should only be done after a valid buffer
state is reached to guarantee data valid (see Section 7.5.1.1 “STATUS0_[n],
STATUS1_[n], STATUS2_[n] — Transaction status registers”). A buffer write is only
allowed during the channel idle state.
To program data for another channel, that channel is selected and data programmed as
described above. One or more channels can be busy while additional data is sent to the
buffer of an idle channel.
7.3.1 Buffer management assumptions
• Repeated STARTs will be sent between two consecutive transactions.
• After the last operation on a channel is completed, a STOP will be sent.
• In a READ transaction, after the last data byte has been received from a particular
slave, a NACK is sent to the slave.
7.3.2 Buffer sizes
The PCA9663 channels have individual buffers assigned to them. The contents of the
buffers should only be modified during channel idle states.
The memory allocation is 4352 bytes per channel.
The buffer sizes represent the memory allocated for the data block only. The slave
address table and configuration bytes are contained in other locations and do not need to
be included in the required buffer size calculation.
For example, to calculate the size of the memory needed to write 26 bytes to 10 slaves
and to read 2 bytes from 4 slaves (no command bytes required for the read):
10 slaves
 26 bytes/slave = 260 bytes for the write transactions
4 slaves
 2bytes/slave = 8bytes for the read transactions
A total of 268 bytes of buffer space is required to complete the sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com