Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 32Page - NXP Semiconductors PCA9663 Datasheet HTML 33Page - NXP Semiconductors PCA9663 Datasheet HTML 34Page - NXP Semiconductors PCA9663 Datasheet HTML 35Page - NXP Semiconductors PCA9663 Datasheet HTML 36Page - NXP Semiconductors PCA9663 Datasheet HTML 37Page - NXP Semiconductors PCA9663 Datasheet HTML 38Page - NXP Semiconductors PCA9663 Datasheet HTML 39Page - NXP Semiconductors PCA9663 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
36 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
When the interrupts are unmasked, a NACK on slave address or data (in a write cycle) will
terminate the serial transfer, generate a STOP, and the INT pin will be asserted. The host
can read the CTRLSTATUS (Controller status register) to determine which channel
generated the interrupt, then it can read the CHSTATUS register of the channel and the
STATUSx_[n] to determine which slave address caused the error.
If the interrupts WEMSK and REMSK are set, then a NACK on slave address or data (in a
write cycle) will not terminate the serial transfer, the error will be stored in the
STATUSx_[n] register and the serial transfer will continue with the next transaction in the
sequence. Once all transactions are completed, the controller will generate a STOP and
the Sequence Done bit (SD) and other error bits (WE or RE) will be set in the CHSTATUS
and an interrupt will be generated.
If the host wants to poll the PCA9663, it can mask all registers including the SD bit and
read the CTRLSTATUS, CHSTATUS, STATUSx_[n], and/or the CONTROL registers to
determine the state of the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com