Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 4Page - NXP Semiconductors PCA9663 Datasheet HTML 5Page - NXP Semiconductors PCA9663 Datasheet HTML 6Page - NXP Semiconductors PCA9663 Datasheet HTML 7Page - NXP Semiconductors PCA9663 Datasheet HTML 8Page - NXP Semiconductors PCA9663 Datasheet HTML 9Page - NXP Semiconductors PCA9663 Datasheet HTML 10Page - NXP Semiconductors PCA9663 Datasheet HTML 11Page - NXP Semiconductors PCA9663 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
8 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
Remark: Note that the bytes required to store the 30 slave addresses are not included in
the calculation since they are stored in the SLATABLE register.
7.4 Error reporting and handling
In case of any transaction error conditions, the device will load the transaction error status
in the STATUSx_[n], generate an interrupt, if unmasked, by pulling down the INT pin and
update the CHSTATUS and CTRLSTATUS registers. The status for the individual SLA
addresses will be stored in the STATUSx_[n] registers.
In the event of a NACK from a slave, there are two possible courses of action. The first is
that an interrupt will be generated and the current transaction and sequence terminated.
The second is that while the WEMSK and/or REMSK is a logic 1, a NACKed byte will be
ignored, and the transmission will continue with the next transaction in the sequence until
the end of the sequence. The controller will skip the slave address and/or data where the
NACK occurred and move on to the next transaction in the sequence. Any error will be
reported in the corresponding STATUSx_[n] register (where ‘n’ is the buffer number of the
slave) or the CHSTATUS or CTRLSTATUS registers.
7.5 Registers
The PCA9663 contains several registers that are used to configure the operation of the
device, status reporting, and to send and receive data. The device also contains global
registers for chip level control and status reporting.
The STATUSx_[n] registers are channel-level direct access registers. The DATA,
SLATABLE, TRANCONFIG, and BYTECOUNT registers are auto-increment registers.
The memory access pointer to the DATA registers can be programmed using the
TRANSEL and TRANOFS registers. See Section 7.5.1.2 “CONTROL — Control register”,
for information on the pointer reset bits BPTRRST and AIPTRRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com