Electronic Components Datasheet Search
  English  ▼

X  

M68HC11KA Datasheet(PDF) 43 Page - Motorola, Inc

Part # M68HC11KA
Description  8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11KA Datasheet(HTML) 43 Page - Motorola, Inc

Back Button M68HC11KA Datasheet HTML 39Page - Motorola, Inc M68HC11KA Datasheet HTML 40Page - Motorola, Inc M68HC11KA Datasheet HTML 41Page - Motorola, Inc M68HC11KA Datasheet HTML 42Page - Motorola, Inc M68HC11KA Datasheet HTML 43Page - Motorola, Inc M68HC11KA Datasheet HTML 44Page - Motorola, Inc M68HC11KA Datasheet HTML 45Page - Motorola, Inc M68HC11KA Datasheet HTML 46Page - Motorola, Inc M68HC11KA Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
MC68HC11KA4
MOTOROLA
MC68HC11KA4TS/D
43
FE — Framing Error
FE is set when a zero is detected where a stop bit was expected. Clear the FE flag by reading SCSR1
with FE set and then reading SCDR.
0 = Stop bit detected
1 = Zero detected
PF — Parity Error Flag
PF is set if received data has incorrect parity. Clear PF by reading SCSR1 with PE set and then reading
SCDR.
0 = Parity correct
1 = Incorrect parity detected
Bits [7:1] — Not implemented
Always read zero
RAF — Receiver Active Flag (Read only)
0 = A character is not being received
1 = A character is being received
R8 — Receiver Bit 8
Ninth serial data bit received when SCI is configured for a nine data bit operation.
T8 — Transmitter Bit 8
Ninth serial data bit transmitted when SCI is configured for a nine data bit operation.
Bits [5:0] — Not implemented
Always read zero
R/T[7:0] — Receiver/Transmitter Data Bits [7:0]
SCI data is double buffered in both directions.
SCSR2 —SCI Status Register 2
$0075
Bit 7
654321
Bit 0
———————
RAF
RESET:
0000000
0
SCDRH/L —SCI Data Register High/Low
$0076, $0077
Bit 7
6543
2
1
Bit 0
$0076
R8
T8
—
—
—
—
—
—
SCDRH (High)
$0077
R7/T7
R6/T6
R5/T5
R4/T4
R3/T3
R2/T2
R1/T1
R0/T0
SCDRL (Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com