Electronic Components Datasheet Search
  English  ▼

X  

M68HC11KA Datasheet(PDF) 21 Page - Motorola, Inc

Part # M68HC11KA
Description  8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11KA Datasheet(HTML) 21 Page - Motorola, Inc

Back Button M68HC11KA Datasheet HTML 17Page - Motorola, Inc M68HC11KA Datasheet HTML 18Page - Motorola, Inc M68HC11KA Datasheet HTML 19Page - Motorola, Inc M68HC11KA Datasheet HTML 20Page - Motorola, Inc M68HC11KA Datasheet HTML 21Page - Motorola, Inc M68HC11KA Datasheet HTML 22Page - Motorola, Inc M68HC11KA Datasheet HTML 23Page - Motorola, Inc M68HC11KA Datasheet HTML 24Page - Motorola, Inc M68HC11KA Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
MC68HC11KA4
MOTOROLA
MC68HC11KA4TS/D
21
3 Erasable Programmable Read-Only Memory
The MC68HC711KA4 has 24 Kbytes of ROM/EPROM. The MC68HC711KA2 has 32 Kbytes of ROM/
EPROM. In all parts, the ROM/EPROM can be mapped to one of two locations in the memory map. The
locations are as follows:
In the MC68HC11KA4, the ROM/EPROM can be mapped at $2000–$7FFF or $A000–$FFFF. If it is
mapped to $A000–$FFFF, vector space is included. In single-chip mode the MC68HC11KA4 ROM/
EPROM is forced to $A000–$FFFF (ROMAD = 1) and enabled (ROMON = 1), regardless of the value
in the CONFIG register.
In the MC68HC11KA2, the ROM/EPROM can be mapped at $0000–$7FFF or $8000–$FFFF. If it is
mapped to $8000–$FFFF, vector space is included. In single-chip mode the MC68HC11KA2 ROM/
EPROM is forced to $8000–$FFFF (ROMAD = 1) and enabled (ROMON = 1), regardless of the value
in the CONFIG register.
In PROG mode, the EPROM/OTPROM is programmed as a stand-alone EPROM by adapting the MCU
footprint to the 27256-type EPROM and using an appropriate EPROM programmer. Programming
EPROM/OTPROM requires an external 12.25 volt nominal power supply (VPPE). There are two meth-
ods that can be used to program and verify EPROM/OTPROM.
In normal MCU mode, EPROM/OTPROM can be programmed in any operating mode —special test,
bootstrap, expanded, or single chip. Normal programming is completed using the EPROG register.
To program the EPROM, complete the following steps using the EPROG register:
1.
Write to EPROG with the ELAT bit set.
2.
Write data to the desired address.
3.
Write to EPROG with the ELAT and EPGM bits set.
4.
Delay for 10 ms or more, as appropriate.
5.
Clear the EPGM bit in EPROG to turn off the VPPE voltage.
6.
Clear the EPROG register to reconfigure the EPROM address and data buses for normal op-
eration.
MBE — Multiple Byte Program Enable
Used for factory test purposes only
Bit 6 — Not implemented
Always reads zero
ELAT — EPROM Latch Control
If ELAT = 1, EPROM is in programming mode and cannot be read. If ELAT = 1, writes to EPROM cause
address and data to be latched.
0 = EPROM address and data bus configured for normal reads
1 = EPROM address and data bus configured for programming
EXCOL — Select Extra Columns
Used for factory test purposes only
EXROW — Select Extra Row
Used for factory test purposes only
Bits [2:1] — Not implemented
Always read zero
EPROG —EPROM Programming Control
$002B
Bit 7
654321
Bit 0
MBE
—
ELAT
EXCOL
EXROW
—
—
EPGM
RESET:
0000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com