Electronic Components Datasheet Search
  English  ▼

X  

M68HC11KA Datasheet(PDF) 37 Page - Motorola, Inc

Part # M68HC11KA
Description  8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11KA Datasheet(HTML) 37 Page - Motorola, Inc

Back Button M68HC11KA Datasheet HTML 33Page - Motorola, Inc M68HC11KA Datasheet HTML 34Page - Motorola, Inc M68HC11KA Datasheet HTML 35Page - Motorola, Inc M68HC11KA Datasheet HTML 36Page - Motorola, Inc M68HC11KA Datasheet HTML 37Page - Motorola, Inc M68HC11KA Datasheet HTML 38Page - Motorola, Inc M68HC11KA Datasheet HTML 39Page - Motorola, Inc M68HC11KA Datasheet HTML 40Page - Motorola, Inc M68HC11KA Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
MC68HC11KA4
MOTOROLA
MC68HC11KA4TS/D
37
7 Serial Communications Interface
The SCI, a universal asynchronous receiver transmitter (UART) serial communications interface, is one
of two independent serial I/O subsystems in the MC68HC11KA4/KA2. Rearranging registers and con-
trol bits used in previous M68HC11 family devices has enhanced the existing SCI system and added
new features, which include the following:
• A 13-bit modulus prescaler that allows greater baud rate control
• A new idle mode detect, independent of preceding serial data
• A receiver active flag
• Hardware parity for both transmitter and receiver
The enhanced baud rate generator is shown in the following diagram. Refer to the table of SCI baud
rate control values for standard values.
Figure 9 SCI Baud Generator Circuit Diagram
SCI BAUD GENERATOR
÷3
÷4
÷13
OSCILLATOR
AND
CLOCK GENERATOR
(
÷4)
XTAL
EXTAL
E
AS
INTERNAL BUS CLOCK (PH2)
1:1
SCP[1:0]
1:0
0:1
0:0
÷2
0:0:0
÷2
0:0:1
÷2
0:1:0
÷2
0:1:1
÷2
1:0:0
÷2
1:0:1
÷2
1:1:0
1:1:1
÷16
SCI
RECEIVE
BAUD RATE
(16X)
SCR[2:0]
SCI
TRANSMIT
BAUD RATE
(1X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com