Electronic Components Datasheet Search
  English  ▼

X  

M68HC11KA Datasheet(PDF) 44 Page - Motorola, Inc

Part # M68HC11KA
Description  8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11KA Datasheet(HTML) 44 Page - Motorola, Inc

Back Button M68HC11KA Datasheet HTML 40Page - Motorola, Inc M68HC11KA Datasheet HTML 41Page - Motorola, Inc M68HC11KA Datasheet HTML 42Page - Motorola, Inc M68HC11KA Datasheet HTML 43Page - Motorola, Inc M68HC11KA Datasheet HTML 44Page - Motorola, Inc M68HC11KA Datasheet HTML 45Page - Motorola, Inc M68HC11KA Datasheet HTML 46Page - Motorola, Inc M68HC11KA Datasheet HTML 47Page - Motorola, Inc M68HC11KA Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
MOTOROLA
MC68HC11KA4
44
MC68HC11KA4TS/D
8 Serial Peripheral Interface
The SPI allows the MCU to communicate synchronously with peripheral devices and other micropro-
cessors. Data rates can be as high as 2 Mbits per second when configured as a master and 4 Mbits per
second when configured as a slave (assuming 4 MHz bus speed).
Two control bits in OPT2 allow the transfer of data either MSB or LSB first and select an additional divide
by four stage to be inserted before the SPI baud rate clock divider.
Figure 12 SPI Block Diagram
SPI BLOCK 2SPR
SPI CONTROL REGISTER
SPI STATUS REGISTER
8/16-BIT SHIFT REGISTER
READ DATA BUFFER
MSB
LSB
INTERNAL
DATA BUS
SPI INTERRUPT
REQUEST
MSTR
SPE
SPI CLOCK (MASTER)
SPI CONTROL
SELECT
DIVIDER
INTERNAL
MCU CLOCK
CLOCK
LOGIC
CLOCK
S
M
S
M
M
S
MISO
PD2
MOSI
PD3
SCK
PD4
SS
PD5
÷2 ÷4 ÷16 ÷32
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com