Electronic Components Datasheet Search
  English  ▼

X  

M68HC11KA Datasheet(PDF) 33 Page - Motorola, Inc

Part # M68HC11KA
Description  8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11KA Datasheet(HTML) 33 Page - Motorola, Inc

Back Button M68HC11KA Datasheet HTML 29Page - Motorola, Inc M68HC11KA Datasheet HTML 30Page - Motorola, Inc M68HC11KA Datasheet HTML 31Page - Motorola, Inc M68HC11KA Datasheet HTML 32Page - Motorola, Inc M68HC11KA Datasheet HTML 33Page - Motorola, Inc M68HC11KA Datasheet HTML 34Page - Motorola, Inc M68HC11KA Datasheet HTML 35Page - Motorola, Inc M68HC11KA Datasheet HTML 36Page - Motorola, Inc M68HC11KA Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
MC68HC11KA4
MOTOROLA
MC68HC11KA4TS/D
33
DDA[7:0] —Data Direction for Port A
0 = Bits set to zero to configure corresponding I/O pin for input only
1 = Bits set to one to configure corresponding I/O pin for output
Reset state is mode dependent. In single-chip or bootstrap modes, port B pins are high impedance in-
puts with selectable internal pull-up resistors. In expanded or test modes, port B pins are high order ad-
dress outputs and PORTB is not in the memory map.
DDB[7:0] — Data Direction for Port B
0 = Bits set to zero to configure corresponding I/O pin for input only
1 = Bits set to one to configure corresponding I/O pin for output
Reset state is mode dependent. In single-chip or bootstrap modes, port F pins are high-impedance in-
puts with selectable internal pull-up resistors. In expanded or test modes, port F pins are low order ad-
dress outputs and PORTF is not in the memory map.
DDRA — Data Direction Register for Port A
$0001
Bit 7
654321
Bit 0
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
RESET:
0000000
0
PORTB —Port B Data
$0004
Bit 7
654321
Bit 0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
S. Chip or
Boot:
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
RESET:
UUUUUUU
U
Expan. or
Test:
ADDR15
ADDR14
ADDR13
ADDR12
ADDR11
ADDR10
ADDR9
ADDR8
DDRB — Data Direction Register for Port B
$0002
Bit 7
654321
Bit 0
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
RESET:
0000000
0
PORTF — Port F Data
$0005
Bit 7
654321
Bit 0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
S. Chip or
Boot:
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
RESET:
UUUUUUU
U
Expan. or
Test:
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com