Electronic Components Datasheet Search
  English  ▼

X  

AD9643 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9643
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9643 Datasheet HTML 11Page - Analog Devices AD9643 Datasheet HTML 12Page - Analog Devices AD9643 Datasheet HTML 13Page - Analog Devices AD9643 Datasheet HTML 14Page - Analog Devices AD9643 Datasheet HTML 15Page - Analog Devices AD9643 Datasheet HTML 16Page - Analog Devices AD9643 Datasheet HTML 17Page - Analog Devices AD9643 Datasheet HTML 18Page - Analog Devices AD9643 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD9643
Rev. A | Page 15 of 36
Pin No.
Mnemonic
Type
Description
14
B D4+/D5+
Output
Channel B LVDS Output Data 4/Data 5—True.
15
B D6−/D7−
Output
Channel B LVDS Output Data 6/Data 7—Complement.
16
B D6+/D7+
Output
Channel B LVDS Output Data 6/Data 7—True.
17
B D8−/D9−
Output
Channel B LVDS Output Data 8/Data 9—Complement.
18
B D8+/D9+
Output
Channel B LVDS Output Data 8/Data 9—True.
20
B D10−/D11−
Output
Channel B LVDS Output Data 10/Data 11—Complement.
21
B D10+/D11+
Output
Channel B LVDS Output Data 10/Data 11—True.
22
B D12−/D13−
(MSB)
Output
Channel B LVDS Output Data 12/Data 13—Complement.
23
B D12+/D13+
(MSB)
Output
Channel B LVDS Output Data 12/Data 13—True.
26
A D0−/D1− (LSB)
Output
Channel A LVDS Output Data 0/Data 1—Complement.
27
A D0+/D1+ (LSB)
Output
Channel A LVDS Output Data 0/Data 1—True.
29
A D2−/D3−
Output
Channel A LVDS Output Data 2/Data 3—Complement.
30
A D2+/D3+
Output
Channel A LVDS Output Data 2/Data 3—True.
31
A D4−/D5−
Output
Channel A LVDS Output Data 4/Data 5—Complement.
32
A D4+/D5+
Output
Channel A LVDS Output Data 4/Data 5—True.
33
A D6−/D7−
Output
Channel A LVDS Output Data 6/Data 7—Complement.
34
A D6+/D7+
Output
Channel A LVDS Output Data 6/Data 7—True.
35
A D8−/D9−
Output
Channel A LVDS Output Data 8/Data 9—Complement.
36
A D8+/D9+
Output
Channel A LVDS Output Data 8/Data 9—True.
38
A D10−/D11−
Output
Channel A LVDS Output Data 10/Data 11—Complement.
39
A D10+/D11+
Output
Channel A LVDS Output Data 10/Data 11—True.
40
A D12−/D13−
(MSB)
Output
Channel A LVDS Output Data 12/Data 13—Complement.
41
A D12+/D13+
(MSB)
Output
Channel A LVDS Output Data 12/Data 13—True.
43
OR+
Output
Channel A/Channel B LVDS Overrange Output—True.
42
OR−
Output
Channel A/Channel B LVDS Overrange Output—Complement.
25
DCO+
Output
Channel A/Channel B LVDS Data Clock Output—True.
24
DCO−
Output
Channel A/Channel B LVDS Data Clock Output—Complement.
SPI Control
45
SCLK
Input
SPI Serial Clock.
44
SDIO
Input/Output
SPI Serial Data Input/Output.
46
CSB
Input
SPI Chip Select (Active Low).
Output Enable and Power-Down
47
OEB
Input
Output Enable Input (Active Low).
48
PDWN
Input
Power-Down Input (Active High). The operation of this pin
depends on the SPI mode and can be configured as power-
down or standby (see Table 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com