Electronic Components Datasheet Search
  English  ▼

X  

AD9643 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9643
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9643 Datasheet HTML 28Page - Analog Devices AD9643 Datasheet HTML 29Page - Analog Devices AD9643 Datasheet HTML 30Page - Analog Devices AD9643 Datasheet HTML 31Page - Analog Devices AD9643 Datasheet HTML 32Page - Analog Devices AD9643 Datasheet HTML 33Page - Analog Devices AD9643 Datasheet HTML 34Page - Analog Devices AD9643 Datasheet HTML 35Page - Analog Devices AD9643 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD9643
Rev. A | Page 32 of 36
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 14 are not currently supported for this device.
Table 14. Memory Map Registers
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
Chip Configuration Registers
0x00
SPI port
configuration
(global)1
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
The nibbles
are mirrored
so that LSB
first mode
or MSB first
mode
registers
correctly,
regardless
of shift
mode.
0x01
Chip ID
(global)
8-bit chip ID[7:0]
(AD9643 = 0x82)
(default)
0x82
Read only.
0x02
Chip grade
(global)
Open
Open
Speed grade ID
00 = 250 MSPS
Open
Open
Open
Open
Speed
grade ID
used to
differentiate
devices;
read only.
Channel Index and Transfer Registers
0x05
Channel index
(global)
Open
Open
Open
Open
Open
Open
ADC B
(default)
ADC A
(default)
0x03
Bits are
set to
determine
which
device on
the chip
receives the
next write
command;
applies to
local
registers
only.
0xFF
Transfer
(global)
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Synchro-
nously
transfers
data from
the master
shift register
to the slave.
ADC Functions
0x08
Power modes
(local)
Open
Open
External
power-
down pin
function
(local)
0 = power-
down
1 = standby
Open
Open
Open
Internal power-down mode
(local)
00 = normal operation
01 = full power-down
10 = standby
11 = reserved
0x00
Determines
various
generic
modes of
chip
operation.
0x09
Global clock
(global)
Open
Open
Open
Open
Open
Open
Open
Duty cycle
stabilizer
(default)
0x01
0x0B
Clock divide
(global)
Open
Open
Input clock divider phase adjust
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Clock
divide
values
other than
000 auto-
matically
cause the
duty cycle
stabilizer to
become
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com