Electronic Components Datasheet Search
  English  ▼

X  

AD9643 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9643
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9643 Datasheet HTML 23Page - Analog Devices AD9643 Datasheet HTML 24Page - Analog Devices AD9643 Datasheet HTML 25Page - Analog Devices AD9643 Datasheet HTML 26Page - Analog Devices AD9643 Datasheet HTML 27Page - Analog Devices AD9643 Datasheet HTML 28Page - Analog Devices AD9643 Datasheet HTML 29Page - Analog Devices AD9643 Datasheet HTML 30Page - Analog Devices AD9643 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AD9643
Rev. A | Page 27 of 36
DIGITAL OUTPUTS
The AD9643 output drivers can be configured for either ANSI
LVDS or reduced drive LVDS using a 1.8 V DRVDD supply.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI
control.
Digital Output Enable Function (OEB)
The AD9643 has a flexible three-state ability for the digital
output pins. The three-state mode is enabled using the OEB pin
or through the SPI interface. If the OEB pin is low, the output
data drivers are enabled. If the OEB pin is high, the output data
drivers are placed in a high impedance state. This OEB function
is not intended for rapid access to the data bus. Note that OEB
is referenced to the digital output driver supply (DRVDD) and
should not exceed that supply voltage.
When using the SPI interface, the data outputs of each channel
can be independently three-stated by using the output enable
bar bit (Bit 4) in Register 0x14. Because the output data is
interleaved, if only one of the two channels is disabled, the output
data of the remaining channel is repeated in both the rising and
falling output clock cycles.
Timing
The AD9643 provides latched data with a pipeline delay of 10 input
sample clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
The length of the output data lines and loads placed on them
should be minimized to reduce transients within the AD9643.
These transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD9643 is 40 MSPS. At
clock rates below 40 MSPS, dynamic performance may degrade.
Data Clock Output (DCO)
The AD9643 also provides data clock output (DCO) intended
for capturing the data in an external register. Figure 2 shows a
graphical timing diagram of the AD9643 output modes.
Table 11. Output Data Format
Input (V)
VIN+ − VIN−,
Input Span = 1.75 V p-p (V)
Offset Binary Output Mode
Twos Complement Mode (Default)
OR
VIN+ − VIN−
<–0.875
00 0000 0000 0000
10 0000 0000 0000
1
VIN+ − VIN−
–0.875
00 0000 0000 0000
10 0000 0000 0000
0
VIN+ − VIN−
0
10 0000 0000 0000
00 0000 0000 0000
0
VIN+ − VIN−
+0.875
11 1111 1111 1111
01 1111 1111 1111
0
VIN+ − VIN−
>+0.875
11 1111 1111 1111
01 1111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com