Electronic Components Datasheet Search
  English  ▼

X  

AD9643 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9643
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9643 Datasheet HTML 28Page - Analog Devices AD9643 Datasheet HTML 29Page - Analog Devices AD9643 Datasheet HTML 30Page - Analog Devices AD9643 Datasheet HTML 31Page - Analog Devices AD9643 Datasheet HTML 32Page - Analog Devices AD9643 Datasheet HTML 33Page - Analog Devices AD9643 Datasheet HTML 34Page - Analog Devices AD9643 Datasheet HTML 35Page - Analog Devices AD9643 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9643
Rev. A | Page 34 of 36
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x1F
User Test
Pattern 4 LSB
(global)
User Test Pattern 4[7:0]
0x00
0x20
User Test
Pattern 4 MSB
(global)
User Test Pattern 4[15:8]
0x00
0x24
BIST signature
LSB (local)
BIST signature[7:0]
0x00
Read only.
0x25
BIST signature
MSB (local)
BIST signature[15:8]
0x00
Read only.
0x3A
Sync control
(global)
Open
Open
Open
Open
Open
Clock
divider
next sync
only
Clock
divider
sync
enable
Master sync
buffer enable
0x00
0x59
SYNC pin
control
(local)
Open
Open
Open
Open
Open
Open
SYNC pin
sensitivity
0 = sync
on high
level
1 = sync
on edge
SYNC pin
edge
sensitivity
0 = sync on
falling edge
1 = sync on
rising edge
0x00
1 The channel index register at Address 0x05 should be set to 0x03 (default) when writing to Address 0x00.
MEMORY MAP REGISTER DESCRIPTION
For more information on functions controlled in Register 0x00
to Register 0x25, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
Sync Control (Register 0x3A)
Bits[7:3]—Reserved
Bit 2—Clock Divider Next Sync Only
If the master sync buffer enable bit (Address 0x3A, Bit 0) and
the clock divider sync enable bit (Address 0x3A, Bit 1) are high,
Bit 2 allows the clock divider to sync to the first sync pulse that
it receives and to ignore the rest. The clock divider sync enable
bit (Address 0x3A, Bit 1) resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Buffer Enable
Bit 0 must be set high to enable any of the sync functions. If the
sync capability is not used, this bit should remain low to
conserve power.
SYNC Pin Control (Register 0x59)
Bits [7:2]—Reserved
Bit 1—SYNC Pin Sensitivity
If Bit 1 is set to 0, the SYNC input responds to a level. If this bit
is set low, the SYNC input responds to the edge (rising or
falling) set in Bit 0 of Address 0x59.
Bit 0—SYNC Pin Edge Sensitivity
If Bit 1 is set high, setting Bit 0 to a 0 causes the SYNC input to
respond to a falling edge. If this bit is set, the SYNC input
respond to a rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com