Electronic Components Datasheet Search
  English  ▼

X  

ADG5213 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5213
Description  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5213 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5213 Datasheet HTML 2Page - Analog Devices ADG5213 Datasheet HTML 3Page - Analog Devices ADG5213 Datasheet HTML 4Page - Analog Devices ADG5213 Datasheet HTML 5Page - Analog Devices ADG5213 Datasheet HTML 6Page - Analog Devices ADG5213 Datasheet HTML 7Page - Analog Devices ADG5213 Datasheet HTML 8Page - Analog Devices ADG5213 Datasheet HTML 9Page - Analog Devices ADG5213 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 6 of 20
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Insertion Loss
−11
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 28
CS (Off)
3.5
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
5.5
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
9
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
40
μA typ
Digital inputs = 0 V or VDD
65
μA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V max
On Resistance, RON
150
Ω typ
VS = 0 V to 30 V, IS = −1 mA,
see Figure 24
170
215
245
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between Channels, ∆RON
1.6
Ω typ
VS = 0 V to 30 V, IS = −1 mA
8
9
10
Ω max
On-Resistance Flatness, RFLAT(ON)
35
Ω typ
VS = 0 V to 30 V, IS = −1 mA
50
60
65
Ω max
LEAKAGE CURRENTS
VDD =39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
0.01
nA typ
VS = 1 V/30 V, VD = 30 V/1 V,
see Figure 23
0.1
0.2
0.4
nA max
Drain Off Leakage, ID (Off)
0.01
nA typ
VS = 1 V/30 V, VD = 30 V/1 V,
see Figure 23
0.1
0.2
0.4
nA max
Channel On Leakage, ID (On), IS (On)
0.02
nA typ
VS = VD = 1 V/30 V,
see Figure 26
0.2
0.25
0.9
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
tON
190
ns typ
RL = 300 Ω, CL = 35 pF
230
255
265
ns max
VS = 18 V, see Figure 30
tOFF
175
ns typ
RL = 300 Ω, CL = 35 pF
215
230
245
ns max
VS = 18 V, see Figure 30
Break-Before-Make Time Delay, tD
(ADG5213 Only)
45
ns typ
RL = 300 Ω, CL = 35 pF
25
ns min
VS1 = VS2 = 18 V, see Figure 29
Charge Injection, QINJ
−0.5
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF,
see Figure 31
Off Isolation
−105
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 25
Channel-to-Channel Crosstalk
−105
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com