Electronic Components Datasheet Search
  English  ▼

X  

ADG5213 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG5213
Description  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5213 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG5213 Datasheet HTML 7Page - Analog Devices ADG5213 Datasheet HTML 8Page - Analog Devices ADG5213 Datasheet HTML 9Page - Analog Devices ADG5213 Datasheet HTML 10Page - Analog Devices ADG5213 Datasheet HTML 11Page - Analog Devices ADG5213 Datasheet HTML 12Page - Analog Devices ADG5213 Datasheet HTML 13Page - Analog Devices ADG5213 Datasheet HTML 14Page - Analog Devices ADG5213 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 11 of 20
500
400
300
200
100
450
340
250
150
50
0
02468
10
12
VS, VD (V)
VDD = 12V
VSS = 0V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 10. RON as a Function of VS, VD for Different Temperatures,
12 V Single Supply
250
200
100
150
50
0
035
30
25
20
15
10
5
VS, VD (V)
VDD = 36V
VSS = 0V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. RON as a Function of VS,VD for Different Temperatures,
36 V Single Supply
40
–140
–120
–100
–80
–60
–40
–20
0
20
0
255075
100
125
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
ID, IS (ON) + +
ID, IS (ON) – –
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
Figure 12. Leakage Currents vs. Temperature, ±15 V Dual Supply
100
–200
–150
–100
–50
0
50
0
255075
100
125
TEMPERATURE (°C)
VDD = +20V
VSS = –20V
VBIAS = +15V/–15V
ID, IS (ON) + +
ID, IS (ON) – –
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
Figure 13. Leakage Currents vs. Temperature, ±20 V Dual Supply
40
–140
–120
–100
–80
–60
–40
–20
0
20
0
255075
100
125
TEMPERATURE (°C)
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
ID, IS (ON) + +
ID, IS (ON) – –
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
Figure 14. Leakage Currents vs. Temperature, 12 V Single Supply
50
–250
–200
–150
–100
–50
0
0
255075
100
125
TEMPERATURE (°C)
VDD = 36V
VSS = 0V
VBIAS = 1V/30V
ID, IS (ON) + +
ID, IS (ON) – –
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
Figure 15. Leakage Currents vs. Temperature, 36 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com