Electronic Components Datasheet Search
  English  ▼

X  

ADG5213 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5213
Description  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5213 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5213 Datasheet HTML 9Page - Analog Devices ADG5213 Datasheet HTML 10Page - Analog Devices ADG5213 Datasheet HTML 11Page - Analog Devices ADG5213 Datasheet HTML 12Page - Analog Devices ADG5213 Datasheet HTML 13Page - Analog Devices ADG5213 Datasheet HTML 14Page - Analog Devices ADG5213 Datasheet HTML 15Page - Analog Devices ADG5213 Datasheet HTML 16Page - Analog Devices ADG5213 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 13 of 20
0
–120
–100
–80
–60
–40
–20
–40
–20
120
100
80
60
40
20
0
TEMPERATURE (°C)
TA = 25°C
VDD = +15V
VSS = –15V
TON (+12V)
TON (+36V)
TOFF (+12V)
TOFF (+36V)
TON (±15V)
TON (±20V)
TOFF (±20V)
TOFF (±15V)
Figure 22. tON, tOFF Times vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com