Electronic Components Datasheet Search
  English  ▼

X  

ADG5213 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG5213
Description  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5213 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG5213 Datasheet HTML 3Page - Analog Devices ADG5213 Datasheet HTML 4Page - Analog Devices ADG5213 Datasheet HTML 5Page - Analog Devices ADG5213 Datasheet HTML 6Page - Analog Devices ADG5213 Datasheet HTML 7Page - Analog Devices ADG5213 Datasheet HTML 8Page - Analog Devices ADG5213 Datasheet HTML 9Page - Analog Devices ADG5213 Datasheet HTML 10Page - Analog Devices ADG5213 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 7 of 20
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
−3 dB Bandwidth
410
MHz typ
RL = 50 Ω, CL = 5 pF,
see Figure 28
Insertion Loss
−6.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 28
CS (Off)
3
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
5
pF typ
VS = 18 V, f = 1 MHz
CD (On), CS (On)
8
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V
IDD
80
μA typ
Digital inputs = 0 V or VDD
100
130
μA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 5.
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx or Dx
VDD = +15 V, VSS = −15 V
TSSOP (θJA = 112.6°C/W)
18
10
5
mA maximum
LFCSP (θJA = 30.4°C/W)
32
15
6
mA maximum
VDD = +20 V, VSS = −20 V
TSSOP (θJA = 112.6°C/W)
29
16
8
mA maximum
LFCSP (θJA = 30.4°C/W)
50
22
9
mA maximum
VDD = 12 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
18
12
7
mA maximum
LFCSP (θJA = 30.4°C/W)
32
17
8
mA maximum
VDD = 36 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
34
18
8
mA maximum
LFCSP (θJA = 30.4°C/W)
59
24
9
mA maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com