Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7189F Datasheet HTML 1Page - Infineon Technologies AG TLE7189F Datasheet HTML 2Page - Infineon Technologies AG TLE7189F Datasheet HTML 3Page - Infineon Technologies AG TLE7189F Datasheet HTML 4Page - Infineon Technologies AG TLE7189F Datasheet HTML 5Page - Infineon Technologies AG TLE7189F Datasheet HTML 6Page - Infineon Technologies AG TLE7189F Datasheet HTML 7Page - Infineon Technologies AG TLE7189F Datasheet HTML 8Page - Infineon Technologies AG TLE7189F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PG-VQFN-48
Type
Package
Marking
TLE7189F
PG-VQFN-48
TLE7189F
Data Sheet
3
Rev. 2.1, 2007-05-30
3-Phase Bridge Driver IC
TLE7189F
1
Overview
Features
•
Compatible to very low ohmic normal level input N-channel
MOSFETs
•
PWM frequency up to 30kHz
•
Fulfils specification down to 5.5V supply voltage
•
Short circuit protection with adjustable detection level
•
Three integrated current sense amplifiers
•
0 to 100% duty cycle
•
Low EMC sensitivity and emission
•
Control inputs with TTL characteristics
•
Separate input for each MOSFET
•
Separate source connection for each MOSFET
•
Integrated minimum dead time
•
Shoot through protection
•
Disable function and sleep mode
•
Detailed diagnosis
•
Over temperature warning
•
VQFN-48 package with exposed pad for excellent cooling
•
Green Product (RoHS compliant)
•
AEC (Automotive Electronics Council) qualified
•
SIL3 supporting features:
•
VCC check: Over- and under voltage check of 5V µC supply
•
Test functions for short circuit detection and VCC check
•
High voltage rated inputs
Description
The TLE7189F is a driver IC dedicated to control the 6 to 12 external MOSFETs forming the converter for high
current 3 phase motor drives in the automotive sector. It incorporates features like short circuit detection, diagnosis
and high output performance and combines it with typical automotive specific requirements like full functionality
even at low battery voltages. Its 3 high side and 3 low side output stages are powerful enough to drive MOSFETs
with 400nC gate charge with approx. 150ns fall and rise times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com