Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 16Page - Infineon Technologies AG TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG TLE7189F Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TLE7189F
Data Sheet
20
Rev. 2.1, 2007-05-30
5.2.8
Short circuit disable voltage at
VSCD pin
V
SCDL(dis)
4.5
–
5.5
V
Short circuit
detection is
disabled
5.2.9
Accuracy of SCD
(VSCDL /VDS(off))
A
SC(off)1
0.85
–
1.15
–
V
SCDL(off) set to 1...
2.5V
5.2.10
Accuracy of SCD
(VSCDL /VDS(off))
A
SC(off)2
0.7
–
1.3
–
V
SCDL(off) set to 0.7...
1V
5.2.11
SCDL pull up resistor
R
SCDU
–400
–k
Ω
Not tested
5.2.12
SCDL pull down resistor
R
SCDD
–160
–k
Ω
Not tested
5.2.13
SCDL default voltage
V
SCDLop
–
1.4
–
V
Open pin
Test of short circuit detection
5.2.14
SCDL voltage for SCD test
activation
V
SCDT
––0.4
V
–
5.2.15
Filter time for SCD test activation
t
SCDT
0.5
2.5
–
µs
–
5.2.16
VDH-SHx voltage for SCD
detection in SCD test mode
V
TSCD1
-80
––mV
5.2.17
VDH-SHx voltage with no SCD
detection in SCD test mode
V
TSCD2
––-350
mV
ERR pins
5.2.18
High level output voltage of ERRx
V
OHERR
4.0
–
5.2
V
I
Load= -0.2mA
5.2.19
Low level output voltage of ERRx
V
OLERR
-0.1
–
0.4
V
I
Load= 0.2mA
5.2.20
ERR pull down resistor
R
ERR
2.7
–
112
k
Ω
V
ERR<5.5V; VINH=low
5.2.21
Propagation time difference ERR1
and ERR2
t
PD(ERR)
–
–
200
ns
–
Over- and under voltage
5.2.22
Over voltage shut down
V
OV(off)
28
–
33
V
–
5.2.23
Over voltage filter time
t
OV
30
–
60
µs
–
5.2.24
Under voltage shut down CB1
V
UV1
7.4
8.2
9.0
V
CB1 to GND
5.2.25
Under voltage shut down CB2
V
UV2
4.6
–
6.8
V
CB2 to VDH
5.2.26
Hysteresis of under voltage shut
down on CB1 and CB2
V
HUV1,2
–1.0
–V
–
5.2.27
Under voltage filter time on CB1
and CB2
t
UV
3.5
57µs
–
Enable and reset
5.2.28
Reset time to clear ERR registers
t
Res1
3.0
––µs
–
5.2.29
Low time of ENA signal without
reset
t
Res0
––1.0
µs
–
5.2.30
ENA propagation time (for enable /
disable)
t
PENA
––4.0
µs
–
Electrical Characteristics - Protection and diagnostic functions (cont’d)
V
S = 5.5 to 20V, Tj = -40 to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com