Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 15Page - Infineon Technologies AG TLE7189F Datasheet HTML 16Page - Infineon Technologies AG TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
19
Rev. 2.1, 2007-05-30
TLE7189F
Note: All errors do NOT lead to sleep mode. Sleep mode is only initiated with the INH pin. The latch and restart
behavior allows to distinguish between the different error types combined at the ERR signals.
Table 4
Priorisation of Errors
Reset of ERROR registers and Disable
The TLE7189F can be reset with the help of the enable pin ENA. If the ENA pin is pulled to low for a specified
minimum time, the error registers are cleared and the external MOSFETs are switched off actively.
During disable only the errors under voltage shut down and over temperature warning are shown. Other errors are
not displayed.
5.2.8
Electrical Characteristics
Over temperature warning Self clearing
Nothing
VCC check
Latch, reset must be performed at ENA pin All external Power -MOSFETs
Error condition
restart behavior
Shuts down...
Priority
Error
1
VCC check
2
Short circuit detection
3
Under voltage detection
4
Over voltage detection
5
Over temperature
Electrical Characteristics - Protection and diagnostic functions
V
S = 5.5 to 20V, Tj = -40 to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Over temperature
5.2.1
Over temperature warning
T
j(OW)
135
155
175
°C
–
5.2.2
Hysteresis for over temperature
warning
dT
j(OW)
–20
–
°C
–
Short circuit detection
5.2.3
Filter time of short circuit protection
t
SCP(off)
8
1216µs
Default
5.2.4
Maximum duty cycle for no SCD1)
D
SCDmax
––30
%
f
PWM=100kHz at IHx
or ILx and at static
applied SC
5.2.5
minimum duty cycle for periodic
SCD1)
D
SCDmin
70
––%
f
PWM=100 kHz at
IHx or ILx and at
static applied SC
5.2.6
Voltage range on VSCD pin to
adjust the Vds limit
V
SCDLa1
0.7
–
2.5
V
Short circuit
detection is active
5.2.7
Short circuit detection level
V
SCDLa2
2.64
–
3.63
V
Short circuit
detection is active
V
SCDL=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com