Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 7Page - Infineon Technologies AG TLE7189F Datasheet HTML 8Page - Infineon Technologies AG TLE7189F Datasheet HTML 9Page - Infineon Technologies AG TLE7189F Datasheet HTML 10Page - Infineon Technologies AG TLE7189F Datasheet HTML 11Page - Infineon Technologies AG TLE7189F Datasheet HTML 12Page - Infineon Technologies AG TLE7189F Datasheet HTML 13Page - Infineon Technologies AG TLE7189F Datasheet HTML 14Page - Infineon Technologies AG TLE7189F Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
11
Rev. 2.1, 2007-05-30
TLE7189F
General Product Characteristics
4.3
Default State of Inputs
Table 1
Default State of Inputs
Note: The load condition “C=22nF; RLoad=1Ω” in the paragraph “Electrical characteristics / Dynamic characteristic”
means that RLoad is connected between the output Gxx and the positive terminal of the C. The negative
terminal of the C is connected to GND and the corresponding Sxx. The voltage is measured at the positive
terminal of the C.
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Characteristic
State
Remark
Default state of ILx (if ILx left open -pull down)
Low
Low side MOSFETs off
Default state of IHx (if IHx left open - pull up)
High
High side MOSFETs off
Default state of ENA (if ENA left open - pull down)
Low
Device/outputs disabled
Default state of VCT (if VCT left open - pull up)
High
Device/outputs disabled
Default state of INH (if INH left open - pull down)
Low
Sleep mode,
I
Q < 30 µA
Default state of SCDL (if SCDL left open - internal
voltage divider)
Typ. 1.4V
–
Default State of sense amplifier output VOx
(ISPx=ISNx=0V)
Zero ampere equivalent
–
Status of the Device and the Outputs when
ENA=INH=high & VCT=low1)
Device active and outputs
functional
5.5....28V; No VCC check
failure
1) No special start up procedure is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com