Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 12Page - Infineon Technologies AG TLE7189F Datasheet HTML 13Page - Infineon Technologies AG TLE7189F Datasheet HTML 14Page - Infineon Technologies AG TLE7189F Datasheet HTML 15Page - Infineon Technologies AG TLE7189F Datasheet HTML 16Page - Infineon Technologies AG TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
TLE7189F
Description and Electrical Characteristics
Data Sheet
16
Rev. 2.1, 2007-05-30
5.1.39
Wake up time; INH low to high
t
INH_Pen2
–
–
10
ms
Driver fully
functional;
V
S=8...20V;
V
ENA=low;
C
CPx=CCBx=4,7µF
5.1.40
Wake up time logic functions; INH low
to high
t
INH_log
–
–
10
ms
Driver fully
functional;
V
S=6.5...8V;
V
ENA=low;
C
CPx=CCBx=4,7µF
5.1.41
Wake up time logic functions; INH low
to high
t
INH_log
––5ms
Driver fully
functional;
V
S=8...20V;
V
ENA=low;
C
CPx=CCBx=4,7µF
5.1.42
INH propagation time to disable the
output stages
t
INH_Pdi1
––10
µs
V
S=5.5...8V
5.1.43
INH propagation time to disable the
output stages
t
INH_Pdi2
––8µs
V
S=8...20V
5.1.44
INH propagation time to disable the
entire driver IC
t
INH_Pdi3
––300
µs
–
5.1.45
Supply voltage Vs for Wake up
V
VsWU
6.5
–
–
V
diagnostic,
OpAmp working
5.1.46
Charge pump frequency
f
CP
38
55
72
kHz
–
Electrical Characteristics MOSFET drivers - Dynamic Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150 °C, fPWM < 25kHz, all voltages with respect to ground, positive current flowing into
pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com