Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 10Page - Infineon Technologies AG TLE7189F Datasheet HTML 11Page - Infineon Technologies AG TLE7189F Datasheet HTML 12Page - Infineon Technologies AG TLE7189F Datasheet HTML 13Page - Infineon Technologies AG TLE7189F Datasheet HTML 14Page - Infineon Technologies AG TLE7189F Datasheet HTML 15Page - Infineon Technologies AG TLE7189F Datasheet HTML 16Page - Infineon Technologies AG TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TLE7189F
Description and Electrical Characteristics
Data Sheet
14
Rev. 2.1, 2007-05-30
5.1.4
Electrical Characteristics
Electrical Characteristics MOSFET drivers - DC Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150 °C, fPWM < 25kHz, all voltages with respect to ground, positive current flowing into
pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Low level output voltage
V
G_LL
––0.2
V
I
Load=30mA
5.1.2
High level output voltage
V
G_HL1
9–13
V
V
S=8... 20V;
I
Load=-2mA
5.1.3
High level output voltage, Low Side
V
G_HL2
7.5
–
13
V
V
S=5.5... 8V;
I
Load=-2mA
5.1.4
High level output voltage, High Side
V
G_HL3
6.5
–
13
V
V
S=5.5... 8V;
I
Load=-2mA
5.1.5
High level output voltage difference
dV
G_H
––1.0
V
I
Load=-100mA;
V
S=20V
5.1.6
Gate drive output voltage
V
GS_D
––0.2
V
V
ENA=low or
V
VCT=high;
5.5V<
V
S<28V
I
Load=10mA
5.1.7
Gate drive output voltage
Tj=-40°C
Tj=25°C
Tj=150°C
V
GS1
––
1.4
1.2
1.0
VUVLO;
V
S<=5.5V;
I
Load=2mA
5.1.8
Gate drive output voltage high side
Tj=-40°C
Tj=25°C
Tj=150°C
V
GS2
––
1.4
1.2
1.0
V
Over voltage or
V
S=open or
V
INH=low;
I
Load=2mA
5.1.9
Gate drive output voltage low side
V
GS3
–
–
0.2
V
Over voltage;
I
Load=2mA
5.1.10
Low level input voltage of Ixx, ENA
V
I_LL
––1.0
V
–
5.1.11
High level input voltage of Ixx, ENA
V
I_HL
2.0
––V
–
5.1.12
Input hysteresis of IHx, ILx, ENA
dV
I1
50
–
–-
mV
V
S=5.5... 8V
5.1.13
Input hysteresis of IHx, ILx, ENA
dV
I2
100
200
–-
mV
V
S=8... 20V
5.1.14
Low level input voltage of INH
V
I_LL
––0.75
V
–
5.1.15
High level input voltage of INH
V
I_HL
2.1
––V
–
5.1.16
IHx pull up resistor
R
IHx
18
30
42
k
Ω
V
IHx<5.5V
5.1.17
ILx pull down resistor
R
ILx
18
30
42
k
Ω
V
ILx<5.5V
5.1.18
INH, ENA pull down resistor
R
INEN
27
45
63
k
Ω
V
INH; VENA<5.5V
5.1.19
Quiescent current VDH
I
QVDH
–5–
µA
25°C;
V
INH=low
5.1.20
Output bias current SHx
I
SHx
-1.6
-1.0
-0.3
mA
V
S=5.5...20V;
V
SHx=0...(VS+1);
V
ILx=low; VIHx=high
5.1.21
Output bias current SLx
I
SLx
-1.6
-1.0
-0.3
mA
V
S=5.5...20V;
V
SLx=0...7V;
V
ILx=low; VIHx=high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com