Electronic Components Datasheet Search
  English  ▼

X  

TLE7189F Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 11Page - Infineon Technologies AG TLE7189F Datasheet HTML 12Page - Infineon Technologies AG TLE7189F Datasheet HTML 13Page - Infineon Technologies AG TLE7189F Datasheet HTML 14Page - Infineon Technologies AG TLE7189F Datasheet HTML 15Page - Infineon Technologies AG TLE7189F Datasheet HTML 16Page - Infineon Technologies AG TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
15
Rev. 2.1, 2007-05-30
TLE7189F
Description and Electrical Characteristics
Electrical Characteristics MOSFET drivers - Dynamic Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150 °C, fPWM < 25kHz, all voltages with respect to ground, positive current flowing into
pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.22
Fixed internal dead time
t
DT
220
400
600
ns
–
5.1.23
Turn on current, peak
I
G(on)1
–-1.5
–
A
V
Gxx-VSxx=0V;
V
S=8...20V;
C
Load=22nF;
R
Load=1Ω
5.1.24
Turn on current, peak
I
G(on)2
–-0.8
–
A
V
Gxx-VSxx=0V;
V
S=5.5...8V;
C
Load=22nF;
R
Load=1Ω
5.1.25
Turn off current, peak
I
G(off)
–1.5
–A
V
Gxx-VSxx=10V;
V
S=8...20V;
C
Load=22nF;
R
Load=1Ω
5.1.26
Rise time (20-80%)
Tj = -40°C
Tj = 25°C
Tj = 150°C
t
G_rise
–
150
400
400
700
ns
C
Load=22nF;
R
Load=1Ω
5.1.27
Fall time (20-80%)
Tj = -40°C
Tj = 25°C
Tj = 150°C
t
G_fall
–
150
230
230
500
ns
C
Load=22nF;
R
Load=1Ω;
5.1.28
Input propagation time (low on)
t
P(ILN)
90
190
290
ns
C
Load=22nF;
R
Load=1Ω
5.1.29
Input propagation time (low off)
t
P(ILF)
0
100
200
ns
5.1.30
Input propagation time (high on)
t
P(IHN)
90
190
290
ns
5.1.31
Input propagation time (high off)
t
P(IHF)
0
100
200
ns
5.1.32
Absolute input propagation time
difference (all channels turn on)
t
P(an)
––70
ns
5.1.33
Absolute input propagation time
difference (all channels turn off)
t
P(af)
––50
ns
5.1.34
Absolute input propagation time
difference (1channel high off - low on)
t
P(1hfln)
––180
ns
C
Load=22nF;
R
Load=1Ω
5.1.35
Absolute input propagation time
difference (1channel low off - high on)
t
P(1lfhn)
––180
ns
5.1.36
Absolute input propagation time
difference (all channel high off - low on)
t
P(ahfln)
––180
ns
5.1.37
Absolute input propagation time
difference (all channel low off - high on)
t
P(alfhn)
––180
ns
5.1.38
Wake up time; INH low to high
t
INH_Pen1
–
–
20
ms
Driver fully
functional;
V
S=6.5...8V;
V
ENA=low;
C
CPx=CCBx=4,7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com