Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 3 Page - Texas Instruments

  TMP006 Datasheet HTML 1Page - Texas Instruments TMP006 Datasheet HTML 2Page - Texas Instruments TMP006 Datasheet HTML 3Page - Texas Instruments TMP006 Datasheet HTML 4Page - Texas Instruments TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TMP006
www.ti.com
SBOS518
– MAY 2011
ELECTRICAL CHARACTERISTICS
At TA = +25°C, V+ = 3.3 V, and conversion time = 1 sec, unless otherwise specified.
TMP006
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT ERROR
Ambient temperature sensor
TA = –40°C to +125°C, V+ = 2.2 V to 5.5 V
±0.5
±1.5
°C
Power-supply rejection ratio
PSRR
0.1
°C/V
Sensor voltage
TObject = +40°C to +60°C, TA = 0°C to +60°C
7
μV/°C
TA = +20°C to +60°C,
Calculate object temperature(1)
±1
±3
°C
TObject – TA = –10°C to +30°C, V+ = 2.2 V to 5.5 V
Field of view
50% responsivity
90
Degrees
TEMPERATURE MEASUREMENT
CR2 = 0, CR1 = 0, CR0 = 0
0.25
Seconds
CR2 = 0, CR1 = 0, CR0 = 1
0.5
Seconds
Conversion time
CR2 = 0, CR1 = 1, CR0 = 0
1
Seconds
CR2 = 0, CR1 = 1, CR0 = 1
2
Seconds
CR2 = 1, CR1 = 0, CR0 = 0
4
Seconds
Resolution
Local temperature sensor
0.03125
°C
Thermopile sensor resolution
156.25
nV
SMBus COMPATIBLE INTERFACE
Logic input high voltage (SCL, SDA)
VIH
2.1
V
Logic input low voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
100
mV
Output low voltage (SDA)
VOL
IOUT = 6 mA
0.15
0.4
V
Output low sink current (SDA)
6
mA
Logic input current
Forced to 0.4 V
–1
+1
µA
Input capacitance (SCL, SDA, A0, A1)
3
pF
Clock frequency
0.001
3.4
MHz
Interface timeout
25
30
35
ms
DIGITAL OUTPUTS
Output low voltage (DRDY pin)
VOL
IOUT = 4 mA
0.15
0.4
V
High-level output leakage current
IOH
VOUT = VDD
0.1
1
µA
Output low sink current (DRDY)
Forced to 0.4 V
4
mA
POWER SUPPLY
Power-on reset
V+
T =
–40°C to +125°C
1.6
V
Specified voltage range
V+
T =
–40°C to +125°C
2.2
5.5
V
Continuous conversion; see Table 9
240
325
µA
Serial bus inactive, shutdown mode
0.5
1.0
µA
Quiescent current
IQ
Serial bus active, fS = 400 kHz,
90
µA
shutdown mode
TEMPERATURE RANGE
Specified range
–40
+125
°C
Storage range
–65
+150
°C
(1)
This parameter is tested in a fully-settled setup with no transients, in front of an ideal black body, with specified layout constraints, and
after system calibration.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com