Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments TMP006 Datasheet HTML 12Page - Texas Instruments TMP006 Datasheet HTML 13Page - Texas Instruments TMP006 Datasheet HTML 14Page - Texas Instruments TMP006 Datasheet HTML 15Page - Texas Instruments TMP006 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TMP006
SBOS518
– MAY 2011
www.ti.com
MANUFACTURER AND DEVICE ID REGISTERS
The TMP006 has two registers for identification: manufacturer ID (pointer address FEh) and device ID (pointer
address FFh). The manufacturer ID reads 5449h and the device ID is 0060h. Table 10 summarizes these two
values.
Table 10. Manufacturer and Device ID (Read-Only)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
Manufacturer ID
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
FEh
Reset value
0
1
0
1
0
1
0
0
0
1
0
0
1
0
0
1
Device ID
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
FFh
Reset value
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
SERIAL INTERFACE
The TMP006 operates only as a slave device on either the two-wire bus or the SMBus interface. Connections to
either bus are made via the open-drain I/O lines, SDA, and SCL. The SDA and SCL pins feature integrated
spike-suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP006
supports the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3.4 MHz) modes. All
data bytes are transmitted MSB first.
SERIAL BUS ADDRESS
To communicate with the TMP006, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits, and a direction bit that indicate the intent to execute a read or
write operation.
READ/WRITE OPERATIONS
Accessing a particular register on the TMP006 is accomplished by writing the appropriate value to the Pointer
Register. The pointer value is the first byte transferred after the slave address byte with the R/W bit low. Every
write operation to the TMP006 requires a value for the pointer (see Figure 7). When reading from the TMP006,
the last value stored in the pointer by a write operation is used to determine which register is read by a read
operation. To change the register pointer for a read operation, a new value must be written to the pointer. This
transaction is accomplished by issuing a slave address byte with the R/W bit low, followed by the pointer byte.
No additional data are required. The master can then generate a START condition and send the slave address
byte with the R/W bit high to initiate the read command. If repeated reads from the same register are desired, it
is not necessary to continually send the pointer bytes because the TMP006 retains the pointer value until it is
changed by the next write operation. Note that register bytes are sent MSB first, followed by the LSB.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com