Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments TMP006 Datasheet HTML 12Page - Texas Instruments TMP006 Datasheet HTML 13Page - Texas Instruments TMP006 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TMP006
SBOS518
– MAY 2011
www.ti.com
TEMPERATURE REGISTER (TAMBIENT)
The Temperature Register of the TMP006 is configured as a 14-bit, read-only register, as shown in Table 6, that
stores the result of the most recent conversion for the local die temperature TAMBIENT. Following power-up or a
software reset, the Temperature Register reads 0
°C (0000h) until the first conversion is complete.
Table 6. Temperature Registers (Read Only)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
TAMBIENT
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0
0
01h
Reset value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TEMPERATURE FORMAT
The Temperature Register data format of the TMP006 is reported in a binary twos complement signed integer
format, as Table 7 shows, with 1 LSB = 1/32
°C = 0.03125.
Table 7. Temperature Data Format
TEMPERATURE (
°C)
DIGITAL OUTPUT (BINARY)
SHIFTED HEX
150
0100 1011 0000 0000
12CO
125
0011 1110 1000 0000
0FA0
100
0011 0010 0000 0000
0C80
80
0010 1000 0000 0000
0A00
75
0010 0101 1000 0000
0960
50
0001 1001 0000 0000
0640
25
0000 1100 1000 0000
0320
0.03125
0000 0000 0000 0100
0001
0
0000 0000 0000 0000
0000
–0.03125
1111 1111 1111 1100
FFFC
–0.0625
1111 1111 1111 1000
FFF8
–25
1111 0011 0111 0000
F370
–40
1110 1011 1111 1100
EBFC
–55
1110 0100 0111 1100
E47C
Converting the integer temperature result of the TMP006 to physical temperature is done by right-shifting the last
two LSBs followed by a divide-by-32 of TREG to obtain the physical temperature result in degrees Celsius. TREG is
the 14-bit signed integer contained in the corresponding register. The sign of the temperature is the same as the
sign of the integer read form the TMP006. In twos complement notation, the MSB is the sign bit. If the MSB is '1',
the integer is negative and the absolute value can be obtained by inverting all bits and adding '1'. An alternative
method of calculating the absolute value of negative integers is abs(i) = i xor FFFFh + 1.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com