Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments TMP006 Datasheet HTML 12Page - Texas Instruments TMP006 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
7FFFh
-
FS
¼
0
¼
FS
SensorVoltage(AIN
AIN )
-
P
N
7FFEh
0001h
0000h
8000h
FFFFh
8001h
-
FS
2
-
1
15
2
15
FS
2
-
1
15
2
15
TMP006
www.ti.com
SBOS518
– MAY 2011
SENSOR VOLTAGE FORMAT
The TMP006 provides 16 bits of data in binary twos complement format. The positive full-scale input produces an
output code of 7FFFh and the negative full-scale input produces an output code of 8000h. The output clips at
these codes for signals that exceed full-scale. Table 5 summarizes the ideal output codes for different input
signals. Figure 6 illustrates code transitions versus input voltage. Full-scale is a 5.12 mV signal. The LSB size is
156.25 nV.
Table 5. Input Signal versus Ideal Output Code(1)
SENSOR SIGNAL
OUTPUT CODE
FS (215
– 1)/215 (5.12 mV)
7FFFh
+FS/215 (156.25 nV)
0001h
0
0
–FS/215 (–156.25 nV)
FFFFh
–FS (–5.12 mV)
8000h
(1)
FS = Full-scale value.
Figure 6. Code Transition Diagram
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com