Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 4 Page - Texas Instruments

  TMP006 Datasheet HTML 1Page - Texas Instruments TMP006 Datasheet HTML 2Page - Texas Instruments TMP006 Datasheet HTML 3Page - Texas Instruments TMP006 Datasheet HTML 4Page - Texas Instruments TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
C1
C3
C2
B1
B3
A1
A3
A2
Sensor
C
B
A
1
3
2
Columns
TMP006
SBOS518
– MAY 2011
www.ti.com
PIN CONFIGURATION
YZF PACKAGE
WCSP-8
(Top View, Not to Scale)
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
A1
DGND
Digital ground
A2
AGND
Analog ground
A3
V+
Positive supply (2.2 V to 5.5 V)
B1
ADR1
Address select pin
B3
SCL
Serial clock line for SMBus, open-drain; requires a pull-up resistor to V+
C1
ADR0
Address select pin
C2
DRDY
Data ready, active low, open-drain; requires a pull-up resistor to V+
C3
SDA
Serial data line for SMBus, open-drain; requires a pull-up resistor to V+
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com