Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 3Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 4Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 5Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN6666.5
April 7, 2011
FIGURE 3. TYPICAL CHIP SET APPLICATION CIRCUIT WITH INDUCTOR DCR CURRENT SENSE
FIGURE 4. TYPICAL CHIP SET APPLICATION CIRCUIT WITH RESISTOR SENSE
Typical Application Circuits (Continued)
V BAT
VI N
PH A S E1
UG A T E 1
LG A T E 1
OC S E T 1
IS E N 1
VO U T 1
FB 1
PH A SE2
UG A T E 2
LG A T E 2
OC S E T 2
IS E N 2
VO U T 2
FB 2
1. 05 V
1. 5V
LD O 3
PV C C
VC C
PV C C
P GOOD
PG N D
PA D
EN 1
EN 2
FS E T 1
FS E T 2
BO O T 1
B OOT 2
F CCM
LD O 3 E N
0.22µF
0.22µF
IRF7821
IRF7821
IRF7832
IRF7832
2.2µH
2.2µH
24.3k
36.5k
590
1800pF
14k
14k
0.022µF
100k
0.01µF
0.01µF
14k
17.4k
1µF
4.7µF
48.7k
36.5k
1µF
2x330µF
2x330µF
1800pF
590
14k
14k
0.022µF
4x10µF
ISL62391, ISL62392
2x
2x
2x
2x
ISL62391C, ISL62392C
VB A T
VIN
PH A S E 1
UG AT E1
LG A T E 1
OC S E T 1
IS E N 1
VO U T 1
FB 1
PH A S E 2
UG A T E 2
LG A T E 2
OC S E T 2
ISEN 2
VO U T 2
FB 2
1.05V
1.5V
3.3 V
LD O 3
PV C C
VC C
PV C C
P GOO D
PG N D
GN D
EN 1
EN 2
FS E T 1
FS E T 2
BO O T 1
BO O T 2
FC C M
LD O 3 E N
0.22µF
0.22µF
IRF7821
IRF7832
IRF7832
2.2µH
2.2µH
4x10µF
ISL62391, ISL62392
0.01µF
0.01µF
17.4k
14k
1µF
1µF
4.7µF
48.7k
36.5k
1800pF
1800pF
590
590
100k
36.5k
24.3k
2x330µF
2x330µF
0.001
0.001
1k
1k
1k
1k
IRF7821
2x
2x
2x
2x
ISL62391C, ISL62392C
ISL62391, ISL62392, ISL62391C, ISL62392C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com