Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN6666.5
April 7, 2011
FIGURE 11. CCM STEADY-STATE OPERATION, VIN = 12V,
VO1 = 3.3V, IO1 =5A, VO2 =5V, IO2 =5A
FIGURE 12. DCM STEADY-STATE OPERATION, VIN =12V,
VO1 = 3.3V, IO1 = 0. 2A, VO2 =5V, IO2 = 0.2A
FIGURE 13. AUDIO FILTER OPERATION, VIN = 12V,
VO1 = 3.3V, VO2 = 5V, NO LOAD
FIGURE 14. TRANSIENT RESPONSE, VIN = 12V, VO =3.3V,
IO = 0.1A/8.1A @ 2.5A/µs
FIGURE 15. LOAD INSERTION RESPONSE, VIN =12V,
VO = 3.3V, IO = 0.1A/8.1A @ 2.5A/µs
FIGURE 16. LOAD RELEASE RESPONSE, VIN =12V,
VO = 3.3V, IO = 0.1A/8.1A @ 2.5A/µs
Typical Performance Curves (Continued)
PHASE2
VO2
PHASE1
VO1
VO1
PHASE1
VO2
PHASE2
VO1
PHASE1
VO2
PHASE2
IO1
VO1
PHASE1
VO1
PHASE1
IO1
VO1
PHASE1
IO1
ISL62391, ISL62392, ISL62391C, ISL62392C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com