Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 5Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN6666.5
April 7, 2011
Typical Performance Curves
FIGURE 5. CHANNEL 1 EFFICIENCY AT VO =3.3V, DEM
OPERATION. HIGH-SIDE 1xIRF7821,
rDS(ON) =9.1mΩ; LOW-SIDE 1xIRF7832,
rDS(ON) =4mΩ; L = 4.7µH, DCR = 14.3mΩ; CCM
FSW = 270kHz
FIGURE 6. CHANNEL 2 EFFICIENCY AT VO =5V, DEM
OPERATION. HIGH-SIDE 1xIRF7821,
rDS(ON) =9.1mΩ; LOW-SIDE 1xIRF7832,
rDS(ON) =4mΩ; L = 4.7µH, DCR = 14.3mΩ; CCM
FSW = 330kHz
FIGURE 7. POWER-ON, VIN = 12V, LOAD = 5A, VO =3.3V
FIGURE 8. POWER-OFF, VIN = 12V, IO =5A, VO =3.3V
FIGURE 9. ENABLE CONTROL, EN1 = HIGH, VIN = 12V,
VO = 3.3V, IO =5A
FIGURE 10. ENABLE CONTROL, EN1 = LOW, VIN = 12V,
VO = 3.3V, IO =5A
50
55
60
65
70
75
80
85
90
95
100
0.10
1.00
10.00
IOUT (A)
VIN = 7V
VIN = 12V
VIN = 19V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
IOUT (A)
VIN = 7V
VIN = 12V
VIN = 19V
VO1
FB1
PGOOD
PHASE1
VO1
FB1
PGOOD
PHASE1
VO1
FB1
PGOOD
EN1
VO1
FB1
PGOOD
EN1
ISL62391, ISL62392, ISL62391C, ISL62392C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com