Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 14Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 15Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
FN6666.5
April 7, 2011
Theory of Operation
Three Output Controller
The ISL62391, ISL62392, ISL62391C and ISL62392C
generate three regulated output voltages. Two are produced
with switch-mode power supplies (SMPS), and the third by a
low dropout linear regulator (LDO). An additional 5V LDO
(PVCC) is used to power the chip during operation, allowing
the ISL62391, ISL62392, ISL62391C and ISL62392C to
regulate all outputs from a single power source (VIN) with no
need for a separate quiescent supply. This makes the
ISL62391, ISL62392, ISL62391C and ISL62392C an ideal
choice as system regulator for notebook PCs. Because the
two SMPS channels are identical and almost entirely
independent, all conclusions drawn apply to both channels
unless otherwise noted.
Modulator and Switching Frequency
The ISL62391, ISL62392, ISL62391C and ISL62392C
modulator feature Intersil’s R3 technology, a hybrid of fixed
frequency PWM and variable frequency hysteretic control.
Intersil’s R3 technology can simultaneously affect the PWM
switching frequency and PWM duty cycle in response to
input voltage and output load transients. The R3 modulator
synthesizes an AC signal, VR, which is an analog
representation of the output inductor ripple current. The
duty-cycle of VR is the result of charge and discharge
current through a ripple capacitor, CR. The current through
CR is provided by a transconductance amplifier that
measures the VIN and VO pin voltages. The positive slope
of VR can be written as Equation 1:
The negative slope of VR can be written as Equation 2:
Where gm is the gain of the transconductance amplifier.
A window voltage VW is referenced with respect to the error
amplifier output voltage VCOMP, creating an envelope into
which the ripple voltage VR is compared. The amplitude of
VW is set by a resistor, RW, connected across the FSET and
GND pins. The VR, VCOMP, and VW signals feed into a
window comparator in which VCOMP is the lower threshold
voltage and VW is the higher threshold voltage. Figure 23
shows PWM pulses being generated as VR traverses the
VW and VCOMP thresholds. The PWM switching frequency
is proportional to the slew rates of the positive and negative
slopes of VR; it is inversely proportional to the voltage
between VW and VCOMP. Equation 3 illustrates how to
calculate the window size based on output voltage and
frequency set resistor.
The frequency can be expressed in Equation 4:
Inverting Equation 4 allows easy selection of RW for a
desired FSW:
For Equations 3 through 5:
gm = 1.66µs
K = 1.7 x 10-10 (±20%)
D = VOUT/VIN
Power-On Reset
The ISL62391, ISL62392, ISL62391C and ISL62392C are
disabled until the voltage at the VIN pin has increased above
the rising power-on reset (POR) threshold. Conversely, the
controller will be disabled when the voltage at the VIN pin
decreases below the falling POR threshold.
In addition to VIN POR, the PVCC pin is also monitored. If its
voltage falls below 4.2V, the SMPS outputs will be shut
down. This ensures that there is sufficient BOOT voltage to
enhance the upper MOSFET.
EN, Soft-Start and PGOOD
The ISL62391, ISL62392, ISL62391C and ISL62392C use a
digital soft-start circuit to ramp the output voltage of each
SMPS to the programmed regulation setpoint at a
predictable slew rate. The slew rate of the soft-start
sequence has been selected to limit the in-rush current
through the output capacitors as they charge to the desired
regulation voltage. When the EN pins are pulled above their
rising thresholds, the PGOOD Soft-Start Delay, tSS, starts and
the output voltage begins to rise. The FB pin ramps to 0.6V in
approximately 1.5ms and the PGOOD pin goes to high
impedance approximately 1.25ms after the FB pin voltage
reaches 0.6V.
V
RPOS
g
m
V
IN
V
OUT
–
()
⋅
=
(EQ. 1)
V
RNEG
g
m VOUT
⋅
=
(EQ. 2)
FIGURE 23. MODULATOR WAVEFORMS DURING LOAD
TRANSIENT
PWM
RIPPLE CAPACITOR VOLTAGE CR
ERROR AMPLIFIER
WINDOW VOLTAGE VW
(WRT VCOMP)
VOLTAGE VCOMP
V
W
g
m VOUT
1D
–
() R
W
⋅⋅
⋅
=
(EQ. 3)
F
SW
1
KR
W
⋅
------------------
=
(EQ. 4)
R
W
1
KF
SW
⋅
---------------------
=
(EQ. 5)
ISL62391, ISL62392, ISL62391C, ISL62392C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com