Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 14Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 15Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 16Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FN6666.5
April 7, 2011
The PGOOD pin indicates when the converter is capable of
supplying regulated voltage. It is an undefined impedance if
VIN is not above the rising POR threshold or below the POR
falling threshold. When a fault is detected, the ISL62391,
ISL62392, ISL62391C and ISL62392C will turn on the open-
drain NMOS, which will pull PGOOD low with a nominal
impedance of 32
Ω. This will flag the system that one of the
output voltages is out of regulation.
Separate enable pins allow for full soft-start sequencing.
Because low shutdown quiescent current is necessary to
prolong battery life in notebook applications, the PVCC 5V
LDO is held off until any of the three enable signals (EN1,
EN2 or LDO3EN) are pulled high. Soft-start of all outputs will
only start until after PVCC is above the 4.2V POR threshold.
In addition to user-programmable sequencing, the ISL62391,
ISL62392, ISL62391C and ISL62392C include a pre-
programmed sequential SMPS soft-start feature. Table 1
shows the SMPS enable truth table.
VCC
The VCC nominal operation voltage is 5V. If EN1, EN2 and
LDO3EN are all logic low, the VCC start-up voltage is 3.6V
when VIN is applied on ISL62391, ISL62392, ISL62391C
and ISL62392C. PVCC is held off until any of the three
enable signals (EN1, EN2 or LDO3EN) is pulled high. When
PVCC is above the 4.2V VCC POR threshold, VCC will
switchover to PVCC internally.
After VIN is applied, the VCC start-up 3.6V voltage can be used
as the logic high signal of any of EN1, EN2 and LDO3EN to
enable PVCC if there is no other power supply on the board.
MOSFET Gate-Drive Outputs LGATE and UGATE
The ISL62391, ISL62392, ISL62391C and ISL62392C have
internal gate-drivers for the high-side and low-side N-
Channel MOSFETs. The low-side gate-drivers are optimized
for low duty-cycle applications where the low-side MOSFET
conduction losses are dominant, requiring a low r DS(ON)
MOSFET. The LGATE pull-down resistance is small in order
to clamp the gate of the MOSFET below the VGS(th) at turn-
off. The current transient through the gate at turn-off can be
considerable because the gate charge of a low r DS(ON)
MOSFET can be large. Adaptive shoot-through protection
prevents a gate-driver output from turning on until the opposite
gate-driver output has fallen below approximately 1V. The
dead-time shown in Figure 25 is extended by the additional
period that the falling gate voltage stays above the 1V
threshold. The typical dead-time is 21ns. The high-side gate-
driver output voltage is measured across the UGATE and
PHASE pins while the low-side gate-driver output voltage is
measured across the LGATE and PGND pins. The power for
the LGATE gate-driver is sourced directly from the PVCC pin.
The power for the UGATE gate-driver is sourced from a “boot”
capacitor connected across the BOOT and PHASE pins. The
boot capacitor is charged from the 5V PVCC supply through a
“boot diode” each time the low-side MOSFET turns on, pulling
the PHASE pin low. The ISL62391, ISL62392, ISL62391C and
ISL62392C have integrated boot diodes connected from the
PVCC pins to BOOT pins.
Diode Emulation
FCCM is a logic input that controls the power state of the
ISL62391, ISL62392, ISL62391C and ISL62392C. If forced
high, the ISL62391, ISL62392, ISL62391C and ISL62392C
will operate in forced continuous-conduction-mode (CCM)
TABLE 1. SMPS ENABLE SEQUENCE LOGIC
EN1
EN2
START-UP SEQUENCE
0
0
All SMPS outputs OFF
0
FLOAT
All SMPS outputs OFF
0
1
SMPS1 OFF, SMPS2 ON
FLOAT
0
All SMPS outputs OFF
FLOAT
FLOAT
All SMPS outputs OFF
FLOAT
1
SMPS1 enables after SMPS2 is in regulation
1
0
SMPS1 ON, SMPS2 OFF
1
FLOAT
SMPS2 enables after SMPS1 is in regulation
1
1
All SMPS outputs ON simultaneously
FIGURE 24. SOFT-START SEQUENCE FOR ONE SMPS
VCC AND PVCC
VO
EN
PGOOD
FB
1.5ms
2.75ms
tSOFTSTART
PGOOD DELAY
FIGURE 25. LGATE AND UGATE DEAD-TIME
50%
50%
tLGFUGR
tUGFLGR
UGATE
LGATE
ISL62391, ISL62392, ISL62391C, ISL62392C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com