Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SC Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 4Page - Sharp Corporation LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation LH28F008SC Datasheet HTML 10Page - Sharp Corporation LH28F008SC Datasheet HTML 11Page - Sharp Corporation LH28F008SC Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
8
BUS OPERATIONS
MODE
RP
»
CE
»
OE
»
WE
ADDRESS
V
PP
DQ
0 - DQ7
RY
»/BY »
NOTE
Read
V
IH or VHH
V
IL
V
IL
V
IH
XX
D
OUT
X
1, 2, 3
Output Disable
V
IH or VHH
V
IL
V
IH
V
IH
X
X
High-Z
X
3
Standby
V
IH or VHH
V
IH
X
X
X
X
High-Z
X
3
Deep Power Down
V
IL
X
X
X
X
X
High-Z
V
OH
4
Read Identifier Codes V
IH or VHH
V
IL
V
IL
V
IH
See Figure 5
X
Note 5
V
OH
Write
V
IH or VHH
V
IL
V
IH
V
IL
XX
D
IN
X
3, 6, 7
NOTES:
1. Refer to DC Characteristics. When VPP ≤ VPPLK, memory contents can be read, but not altered.
2. X can be VIL or VIH for control pins and addresses, and VPPLK or VPPH1/2/3 for VPP. See DC Characteristics for
VPPLK and VPPH1/2/3 voltages.
3. RY
  »/BY  » is VOL when the WSM is executing internal block erase, byte write, or lock-bit configuration algorithms. It is VOH during when
the WSM is not busy, in block erase suspend mode (with byte write inactive), byte write suspend mode, or deep power-down mode.
4. RP
  » at GND ± 0.2 V ensures the lowest deep power-down current.
5. See Read Identifier Codes Command Section for read identifier code data.
6. Command writes involving block erase, write, or lock-bit configuration are reliably executed when VPP = VPPH1/2/3 and VCC = VCC1/2/3.
Block erase, byte write, or lock-bit configuration with VIH < RP  » < VHH produce spurious results and should not be attempted.
7. Refer to Command Definitions Table for valid DIN during a write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com