Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SC Datasheet(PDF) 37 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 37 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 30Page - Sharp Corporation LH28F008SC Datasheet HTML 31Page - Sharp Corporation LH28F008SC Datasheet HTML 32Page - Sharp Corporation LH28F008SC Datasheet HTML 33Page - Sharp Corporation LH28F008SC Datasheet HTML 34Page - Sharp Corporation LH28F008SC Datasheet HTML 35Page - Sharp Corporation LH28F008SC Datasheet HTML 36Page - Sharp Corporation LH28F008SC Datasheet HTML 37Page - Sharp Corporation LH28F008SC Datasheet HTML 38Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
37
ORDERING INFORMATION
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT
MINIMUM LIMIT
40TSOP (TSOP040-P-1020)
40TSOP
DETAIL
SEE DETAIL
1.19
[0.047]
MAX.
0 - 10°
0.22 [0.009]
0.02 [0.001]
1.10 [0.043]
0.90 [0.035]
0.49 [0.019]
0.39 [0.015]
0.49 [0.019]
0.39 [0.015]
0.125 [0.005]
10.20 [0.402]
9.80 [0.386]
0.50 [0.020]
TYP.
0.25 [0.010]
0.15 [0.006]
18.60 [0.732]
18.20 [0.717]
19.30 [0.760]
18.70 [0.736]
20.30 [0.799]
19.70 [0.776]
0.18 [0.007]
0.08 [0.003]
1
20
21
40
T 40-pin, 1.2 mm x 10 mm x 20 mm TSOP (Type I) (TSOP040-P-1020)
N 44-pin, 600-mil SOP (SOP044-P-0600)
B 42-pin, .67 mm x 8 mm2 CSP (CSP042-P-0808)
LH28F008SC
Device Type
X
Package
28F008SC-19
Example: LH28F008SCT-85 (1M x 8) Flash Memory, 85 ns, 40-pin TSOP)
8M (1M x 8) Flash Memory
-85
Speed
85 Access Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com