| Electronic Components Datasheet Search |
|
LH28F008SC Datasheet(PDF) 18 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LH28F008SC Datasheet(HTML) 18 Page - Sharp Corporation |
|
18 / 38 page ![]() LH28F008SC 8M (1M × 8) Flash Memory 18 Figure 10. Set Block and Master Lock-Bit Flowchart START BUS OPERATION COMMAND COMMENTS WRITE 60H BLOCK/DEVICE ADDRESS SR.7 = 1 0 1 0 0 0 FULL STATUS CHECK IF DESIRED SET LOCK-BIT COMPLETED WRITE 01H/F1H BLOCK/DEVICE ADDRESS SET LOCK-BIT SUCCESSFUL VPP RANGE ERROR READ STATUS REGISTER DATA (see above) SR.3 = Write Write Read Standby Set Block/Master Lock-Bit Setup Set Block or Master Lock-Bit Confirm Data = 60H Addr = Block Address (Block), Device Address (Master) Status Register Data Check SR.7 1 = WSM Ready 0 = WSM Busy Data = 01H (Block) F1H (Master) Addr = Block Address (Block), Device Address (Master) Repeat for subsequent lock-bit set operations. Full status check can be done after each lock-bit set operation or after a sequence of lock-bit set operations. Write FFH after the last lock-bit set operation to place device in read array mode. BUS OPERATION COMMAND FULL STATUS CHECK PROCEDURE COMMENTS Standby Standby Standby Standby Check SR.3 1 = VPP Error Detect Check SR.1 1 = Device Protect Detect RP = VIH (Set Master Lock-Bit Operation) RP = VIH, Master Lock-Bit is Set (Set Block Lock-Bit Operation) Check SR.4, 5 Both 1 = Command Sequence Error Check SR.4 1 = Set Lock-Bit Error SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register command in cases where multiple lock-bits are set before full status is checked. If error is detected clear the Status Register before attempting retry or other error recovery. 28F008SC-10 READ STATUS REGISTER 0 SR.1 = SR.4, 5 = SR.4 = 1 1 COMMAND SEQUENCE ERROR DEVICE PROTECT ERROR 1 SET LOCK-BIT ERROR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |