Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SC Datasheet(PDF) 23 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 23 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 19Page - Sharp Corporation LH28F008SC Datasheet HTML 20Page - Sharp Corporation LH28F008SC Datasheet HTML 21Page - Sharp Corporation LH28F008SC Datasheet HTML 22Page - Sharp Corporation LH28F008SC Datasheet HTML 23Page - Sharp Corporation LH28F008SC Datasheet HTML 24Page - Sharp Corporation LH28F008SC Datasheet HTML 25Page - Sharp Corporation LH28F008SC Datasheet HTML 26Page - Sharp Corporation LH28F008SC Datasheet HTML 27Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
23
DC CHARACTERISTICS
SYM.
PARAMETER
V
CC = 3.3 V
V
CC = 5 V
UNIT
TEST CONDITIONS
NOTE
TYP.
MAX.
TYP.
MAX.
I
LI
Input Load Current
±0.5
±1
µA
V
CC = VCC MAX., VIN = VCC or GND
1
I
LO
Output Leakage Current
±0.5
±10
µA
V
CC = VCC MAX., VOUT = VCC or GND
1
I
CCS
V
CC Standby Current
100
100
µA
CMOS Inputs, V
CC = VCC MAX.
CE
» = RP » = V
CC ±0.2 V
1, 3, 6
22
mA
TTL Inputs, V
CC = VCC MAX.
CE
» = RP » = V
IH
I
CCD
V
CC Deep Power-Down
Current
10
10
µA
RP
» = GND ±0.2 V I
OUT
(RY
»/BY») = 0 mA
1
I
CCR
V
CC Read Current
12
35
mA
CMOS Inputs V
CC = VCC MAX.,
CE
» = GND, f = 5 MHz (3.3 V),
f = 8 MHz (5 V), I
OUT = 0 mA
1, 5, 6
14
50
mA
TTL Inputs, V
CC = VCC MAX.,
CE
» = V
IH, f = 5 MHz (3.3 V),
f = 8 MHz, (5 V) I
OUT = 0 mA
I
CCW
V
CC Byte Write or Set
Lock-Bit Current
17
mA
V
PP = 3.3 V ±0.3 V
1, 7
17
35
mA
V
PP = 5.0 V ±10%
12
30
mA
V
PP = 12.0 V ± 5%
I
CCE
V
CC Block Erase or
Clear Block Lock-Bits
Current
17
mA
V
PP = 3.3 V ±0.3 V
1, 7
17
30
mA
V
PP = 5.0 V ±10%
12
25
mA
V
PP = 12.0 V ±5%
I
CCWS
I
CCES
V
CC Byte Write or
Block Erase Suspend
Current
610
mA
CE
» = V
IH
1, 2
I
PPS
I
PPR
V
PP Standby or Read
Current
±15
±15
µA
V
PP ≤ VCC
1
200
200
µA
V
PP > VCC
I
PPD
V
PP Deep Power-Down
Current
55
µA
RP
» = GND ± 0.2V
1
I
PPW
V
PP Byte Write or Set
Lock-Bit Current
40
mA
V
PP = 3.3 V ± 0.3 V
1, 7
40
40
mA
V
PP = 5.0 V ±10%
15
15
mA
V
PP = 12.0 V ±5%
I
PPE
V
PP Block Erase or
Clear Lock-Bit Current
20
mA
V
PP = 3.3 V ± 0.3 V
1, 7
20
20
mA
V
PP = 5.0 V ± 105
15
15
mA
V
PP = 12.0 V ±5%
I
PPWS
I
PPES
V
PP Byte Write or
Block Erase Suspend
Current
200
200
µA
V
PP = VPPH1/2/3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com