Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SC Datasheet(PDF) 22 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 22 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 18Page - Sharp Corporation LH28F008SC Datasheet HTML 19Page - Sharp Corporation LH28F008SC Datasheet HTML 20Page - Sharp Corporation LH28F008SC Datasheet HTML 21Page - Sharp Corporation LH28F008SC Datasheet HTML 22Page - Sharp Corporation LH28F008SC Datasheet HTML 23Page - Sharp Corporation LH28F008SC Datasheet HTML 24Page - Sharp Corporation LH28F008SC Datasheet HTML 25Page - Sharp Corporation LH28F008SC Datasheet HTML 26Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
22
Capacitance
TA = +25°C, f = 1 MHz
SYMBOL
PARAMETER
TYP.
MAX.
UNITS
CONDITIONS
C
IN
Input Capacitance
6
8
pF
V
IN = 0.0 V
C
OUT
Output Capacitance
8
12
pF
V
OUT = 0.0 V
NOTE:
1. Sampled, not 100% tested.
AC INPUT/OUTPUT TEST CONDITIONS
Figure 12. Transient Input/Output Reference
Waveform for V
CC = 3.3 V ±0.3 V and VCC = 5 V ±5%
(High Speed Testing Configuration)
Figure 13. Transient Input/Output Reference
Waveform for V
CC = 5 V ±10%
(Standard Testing Configuration)
28F008SC-14
DEVICE
UNDER
TEST
NOTE: CL Includes Jig Capacitance
1.3 V
1N914
RL = 3.3 kΩ
CL
OUT
Figure 14. Transient Equivalent
Testing Load Circuit
INPUT
TEST POINTS
OUTPUT
3.0
0.0
1.5
1.5
28F008SC-12
NOTE:
AC test inputs are driven at 3.0 V for a Logic '1' and 0.0 V for a
Logic '0'. Input timing begins and output timing ends at 1.5 V.
Input rise and fall times (10% to 90%) < 10 ns.
INPUT
TEST POINTS
OUTPUT
2.4
0.45
2.0
0.8
2.0
0.8
28F008SC-13
NOTE:
AC test inputs are driven at VOH (2.4 VTTL) for a Logic '1' and VOL
(0.45 VTTL) for a Logic '0'. Input timing begins at VIH (2.0 VTTL)
and VIL (0.8 VTTL). Output timing ends at VIH and VIL. Input rise
and fall times (10% to 90%) < 10 ns.
TEST CONFIGURATION
C
L (pF)
V
CC = 3.3 V ± 0.3 V
50
V
CC = 5 V ± 0.5%
30
V
CC = 5 V ± 10%
100
Test Configuration Capacitance
Loading Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com