Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SC Datasheet(PDF) 30 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 30 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 26Page - Sharp Corporation LH28F008SC Datasheet HTML 27Page - Sharp Corporation LH28F008SC Datasheet HTML 28Page - Sharp Corporation LH28F008SC Datasheet HTML 29Page - Sharp Corporation LH28F008SC Datasheet HTML 30Page - Sharp Corporation LH28F008SC Datasheet HTML 31Page - Sharp Corporation LH28F008SC Datasheet HTML 32Page - Sharp Corporation LH28F008SC Datasheet HTML 33Page - Sharp Corporation LH28F008SC Datasheet HTML 34Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
30
ALTERNATIVE CE
  » - Controlled Writes1
VCC = 3.3 V ± 0.3 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
LH28F008SC-120
LH28F008SC-150
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
t
AVAV
Write Cycle Time
120
150
ns
t
PHEL
RP
» High Recovery to CE» Going Low
1
1
µs
2
t
WLEL
WE Setup to CE
»# Going Low
00
ns
t
ELEH
CE
» Pulse Width
70
70
ns
t
PHHEH
RP
» V
HH Setup to CE » Going High
100
100
ns
2
t
VPEH
V
PP Setup to CE » Going High
100
100
ns
2
t
AVEH
Address Setup to CE
» Going High
50
50
ns
3
t
DVEH
Data Setup to CE
» Going High
50
50
ns
3
t
EHDX
Data Hold from CE
» High
55
ns
t
EHAX
Address Hold from CE
» High
55
ns
t
EHWH
WE Hold from CE
» High
00
ns
t
EHEL
CE
» Pulse Width High
25
25
ns
t
EHRL
CE
» High to RY »/BY» Going Low
100
100
ns
t
EHGL
Write Recovery before Read
0
0
µs
t
QVVL
V
PP Hold from Valid SRD, RY»/BY » High
0
0
ns
2, 4
t
QVPH
RP
» V
HH Hold from Valid SRD, RY »/BY » High
0
0
ns
2, 4
NOTE:
1. See 5 V VCC Alternative CE  » Controlled Writes for Notes 1 through 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com