Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 74Page - ATMEL Corporation AT89LP51 Datasheet HTML 75Page - ATMEL Corporation AT89LP51 Datasheet HTML 76Page - ATMEL Corporation AT89LP51 Datasheet HTML 77Page - ATMEL Corporation AT89LP51 Datasheet HTML 78Page - ATMEL Corporation AT89LP51 Datasheet HTML 79Page - ATMEL Corporation AT89LP51 Datasheet HTML 80Page - ATMEL Corporation AT89LP51 Datasheet HTML 81Page - ATMEL Corporation AT89LP51 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
78
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Notes:
1. A clock cycle is one period of the output of the system clock divider. For Fast mode the divider
defaults to 1, so the clock cycle equals the oscillator period. For Compatibility mode the divider
defaults to 2, so the clock cycle is twice the oscillator period, or conversely the clock count is
half the number of oscillator periods.
2. This escaped instruction is an extension to the instruction set.
3. This is the minimum time for MOVX with no wait states. In Compatibility mode an additional 24
clocks are added for the wait state. In Fast mode, 1 clock is added for each wait state (0–3).
ORL C, bit
2
12
2
72
ORL C, /bit
2
12
2
A0
MOV C, bit
2
6
2
A2
MOV bit, C
2
12
2
92
Branching
Bytes
Clock Cycles
Hex Code
Compatibility
Fast
JC rel
2
12
3
40
JNC rel
2
12
3
50
JB bit, rel
3
12
4
20
JNB bit, rel
3
12
4
30
JBC bit, rel
3
12
4
10
JZ rel
2
12
3
60
JNZ rel
2
12
3
70
SJMP rel
2
12
3
80
ACALL addr11
2
12
3
11,31,51,71,91,
B1,D1,F1
LCALL addr16
3
12
4
12
RET
1
12
4
22
RETI
1
12
4
32
AJMP addr11
2
12
3
01,21,41,61,81,
A1,C1,E1
LJMP addr16
3
12
4
02
JMP @A+DPTR
1
12
2
73
JMP @A+PC(2)
212
3
A5 73
CJNE A, direct, rel
3
12
4
B5
CJNE A, #data, rel
3
12
4
B4
CJNE Rn, #data, rel
3
12
4
B8-BF
CJNE @Ri, #data, rel
3
12
4
B6-B7
CJNE A, @R0, rel
(2)
318
4A5 B6
CJNE A, @R1, rel(2)
318
4A5 B7
DJNZ Rn, rel
2
12
3
D8-DF
DJNZ direct, rel
3
12
4
D5
NOP
1
6
1
00
Table 16-1.
Instruction Execution Times and Exceptions
(1) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com