Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
10
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
2.3.5
Interrupt Handling
With the addition of the IPH register, the AT89LP51/52 provides four levels of interrupt priority
for greater flexibility in handling multiple interrupts. Also, Fast mode allows for faster interrupt
response due to the shorter instruction execution times.
2.3.6
Serial Port
The timer prescaler increases the range of achievable baud rates when using Timer 1 to gener-
ate the baud rate in UART Modes 1 or 3, including an increase in the maximum baud rate
available in Compatibility mode. Additional features include automatic address recognition and
framing error detection.
The shift register mode (Mode 0) has been enhanced with more control of the polarity, phase
and frequency of the clock and full-duplex operation. This allows emulation of master serial
pheriperal (SPI) and two-wire (TWI) interfaces.
2.3.7
I/O Ports
The P0, P1, P2 and P3 I/O ports of the AT89LP51/52 may be configured in four different modes.
The default setting depends on the Tristate-Port User Fuse (See Section 17.7 on page 86).
When the fuse is set all the I/O ports revert to input-only (tristated) mode at power-up or reset.
When the fuse is not active, ports P1, P2 and P3 start in quasi-bidirectional mode and P0 starts
in open-drain mode. P4 always operates in quasi-bidirectional mode. P0 can be configured to
have internal pull-ups by placing it in quasi-bidirectional or output modes. This can reduce sys-
tem cost by removing the need for external pull-ups on Port 0.
The P4.4–P4.7 pins are additional I/Os that replace the normally dedicated ALE, PSEN, XTAL1
and XTAL2 pins of the AT89S51/52. These pins can be used as additional I/Os depending on
the configuration of the clock and external memory.
2.3.8
Security
The AT89LP51/52 does not support the extenal access pin (EA). Therefore it is not possible to
execute from external program memory in address range 0000H–1FFFH. When the third Lockbit
is enabled (Lock Mode 4) external program execution is disabled for all addresses above
1FFFH. This differs from AT89S51/52 where Lock Mode 4 prevents EA from being sampled low,
but may still allow external execution at addresses outside the 8K internal space.
2.3.9
Programming
The AT89LP51/52 supports a richer command set for In-System Programming (ISP). Existing
AT89S51/52 programmers should be able to program the AT89LP51/52 in byte mode. In page
mode the AT89LP51/52 only supports programming of a half-page of 64 bytes and therefore
requires an extra address byte as compared to AT89S51/52. Furthermore the device signature
is located at addresses 0000H, 0001H and 0003H instead of 0000H, 0100H and 0200H.
Table 2-3.
Compatibility Mode versus Fast Mode Summary
Feature
Compatibility
Fast
Instruction Fetch in System Clocks
31
Instruction Execution Time in System Clocks
6, 12, 18 or 24
1, 2, 3, 4 or 5
Default System Clock Divisor
2
1
Default Timer Prescaler Divisor
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com