Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 84Page - ATMEL Corporation AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation AT89LP51 Datasheet HTML 90Page - ATMEL Corporation AT89LP51 Datasheet HTML 91Page - ATMEL Corporation AT89LP51 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
88
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Figure 17-9. Serial Programming Power-up Sequence
17.9.2
Power-down Sequence
Execute this sequence to power-down the device after programming.
1.
Drive SCK low.
2.
Wait at least t
SSD and Tristate MOSI.
3.
Wait at least t
RHZ and drive RST low.
4.
Wait at least t
SSZ and tristate SCK.
5.
Wait no more than t
PWRDN and power off VDD.
Figure 17-10. Serial Programming Power-down Sequence
17.9.3
ISP Start Sequence
Execute this sequence to exit CPU execution mode and enter ISP mode when the device has
passed Power-On Reset and is already operational.
1.
Drive RST high.
2.
Wait t
RLZ + tSTL.
3.
Drive SCK low.
4.
Start programming session.
VDD
RST
RST
SCK
HIGH Z
MISO
HIGH Z
MOSI
tPWRUP
tPOR + tSUT
VDD
RST
SCK
HIGH Z
MISO
HIGH Z
MOSI
tPWRDN
tSSD
tSSZ
tRHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com