Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 47Page - ATMEL Corporation AT89LP51 Datasheet HTML 48Page - ATMEL Corporation AT89LP51 Datasheet HTML 49Page - ATMEL Corporation AT89LP51 Datasheet HTML 50Page - ATMEL Corporation AT89LP51 Datasheet HTML 51Page - ATMEL Corporation AT89LP51 Datasheet HTML 52Page - ATMEL Corporation AT89LP51 Datasheet HTML 53Page - ATMEL Corporation AT89LP51 Datasheet HTML 54Page - ATMEL Corporation AT89LP51 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
51
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
12. Timer 2
The AT89LP51/52 includes a 16-bit Timer/Counter 2 with the following features:
•16-bit timer/counter with one 16-bit reload/capture register
• One external reload/capture input
• Up/Down counting mode with external direction control
•UART baud rate generation
•Output-pin toggle on timer overflow
•Dual slope symmetric operating modes
•Timer 2 is included in AT89LP51, unlike AT89S51.
Timer 2 is a 16-bit Timer/Counter that can operate as either a timer or an event counter. The
type of operation is selected by bit C/T2 in the SFR T2CON. Timer 2 has three operating modes:
capture, auto-reload (up or down counting), and baud rate generator. The modes are selected
by bits in T2CON and T2MOD, as shown in Table 12-3. Timer 2 also serves as the time base for
the Compare/Capture Array (See Section 13. “External Interrupts” on page 57).
Timer 2 consists of two 8-bit registers, TH2 and TL2. In the Timer function, the register is incre-
mented every clock cycle. Since a clock cycle consists of one oscillator period, the count rate is
equal to the oscillator frequency. The timer rate can be prescaled by a value between 1 and 16
using the Timer Prescaler (see Table 6-2 on page 31).
In the Counter function, the register is incremented in response to a 1-to-0 transition at its corre-
sponding external input pin, T2. In this function, the external input is sampled every clock cycle.
When the samples show a high in one cycle and a low in the next cycle, the count is incre-
mented. The new count value appears in the register during the cycle following the one in which
the transition was detected. Since two clock cycles are required to recognize a 1-to-0 transition,
the maximum count rate is 1/2 of the oscillator frequency. To ensure that a given level is sam-
pled at least once before it changes, the level should be held for at least one full clock cycle.
The following definitions for Timer 2 are used in the subsequent paragraphs:
Table 12-1.
Timer 2 Operating Modes
RCLK + TCLK
CP/RL2
DCEN
T2OE
TR2
MODE
00
0
0
1
16-bit Auto-reload
00
1
0
1
16-bit Auto-reload Up-Down
01
X
0
1
16-bit Capture
1
XXX
1
Baud Rate Generator
XX
X
1
1
Frequency Generator
X
X
X
X
0
(Off)
Table 12-2.
Timer 2 Definitions
Symbol
Definition
MIN
0000H
MAX
FFFFH
BOTTOM
16-bit value of {RCAP2H,RCAP2L}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com