Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 56Page - ATMEL Corporation AT89LP51 Datasheet HTML 57Page - ATMEL Corporation AT89LP51 Datasheet HTML 58Page - ATMEL Corporation AT89LP51 Datasheet HTML 59Page - ATMEL Corporation AT89LP51 Datasheet HTML 60Page - ATMEL Corporation AT89LP51 Datasheet HTML 61Page - ATMEL Corporation AT89LP51 Datasheet HTML 62Page - ATMEL Corporation AT89LP51 Datasheet HTML 63Page - ATMEL Corporation AT89LP51 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
60
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
The Timer 1 overflow rate normally determines the baud rates in Modes 1 and 3. When Timer 1
is the baud rate generator, the baud rates are determined by the Timer 1 overflow rate and the
value of SMOD1 according to the following equation:
The Timer 1 interrupt should be disabled in this application. The Timer itself can be configured
for either timer or counter operation in any of its 3 running modes. In the most typical applica-
tions, it is configured for timer operation in auto-reload mode (high nibble of TMOD = 0010B). In
this case, the baud rate is given by the following formula:
Table 14-2 lists commonly used baud rates and how they can be obtained from Timer 1.
14.2.2
Using Timer 2 to Generate Baud Rates
Timer 2 is selected as the baud rate generator by setting TCLK and/or RCLK in T2CON. Under
these conditions, the baud rates for transmit and receive can be simultaneously different by
using Timer 1 for transmit and Timer 2 for receive, or vice versa. The baud rate generator mode
Modes 1, 3
Baud Rate
2
SMOD1
32
--------------------
(Timer 1 Overflow Rate)
×
=
Modes 1, 3
Baud Rate
2
SMOD1
32
--------------------
System Frequency
256
TH1
()
–
[]
--------------------------------------------------
1
TPS
1
+
---------------------
×
×
=
Table 14-2.
Commonly Used Baud Rates Generated by Timer 1
Baud Rate
fOSC (MHz)
CDV
SMOD1
Timer 1
C/T
Mode
TPS
Reload Value
Mode 0 Max: 6 MHz
12
0
1
X
X
0
X
Mode 2 Max: 750K
12
0
1
X
X
0
X
Modes 1, 3 Max: 750K
12
0
1
0
2
0
F4H
19.2K
11.059
0
1
0
2
0
DCH
9.6K
11.059
0
0
0
2
0
DCH
4.8K
11.059
0
00
20
B8H
2.4K
11.059
0
0
0
2
0
70H
1.2K
11.059
0
0
0
1
0
FEE0H
137.5
11.986
0
00
10
F55CH
110
6
0
1
0
1
0
F2AFH
110
12
0
00
10
F2AFH
19.2K
11.059
1
1
0
2
5
FDH
9.6K
11.059
1
0
0
2
5
FDH
4.8K
11.059
1
00
25
FAH
2.4K
11.059
1
0
0
2
5
F4H
1.2K
11.059
1
0
0
2
5
E8H
137.5
11.986
1
00
25
1DH
110
6
1
0
0
2
5
72H
110
12
1
0
0
1
5
FEEBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com