Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 46Page - ATMEL Corporation AT89LP51 Datasheet HTML 47Page - ATMEL Corporation AT89LP51 Datasheet HTML 48Page - ATMEL Corporation AT89LP51 Datasheet HTML 49Page - ATMEL Corporation AT89LP51 Datasheet HTML 50Page - ATMEL Corporation AT89LP51 Datasheet HTML 51Page - ATMEL Corporation AT89LP51 Datasheet HTML 52Page - ATMEL Corporation AT89LP51 Datasheet HTML 53Page - ATMEL Corporation AT89LP51 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
50
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Figure 11-5. Timer 0/1 Toggle Mode 2 Waveform
Tx
THx
FFh
Table 11-4.
TMOD – Timer/Counter Mode Control Register
TMOD Address = 089H
Reset Value = 0000 0000B
Not Bit Addressable
GATE1
C/T1
T1M1
T1M0
GATE0
C/T0
T0M0
T0M1
Bit
765
43
210
Symbol
Function
GATE1
Timer 1 Gating Control. When set, Timer/Counter 1 is enabled only while INT1 pin is high and TR1 control pin is set.
When cleared, Timer 1 is enabled whenever TR1 control bit isset.
C/T1
Timer or Counter Selector 1. Cleared for Timer operation (input from internal system clock). Set for Counter operation
(input from T1 input pin). C/T1 must be zero when using Timer 1 in Clock Out mode.
T1M1
T1M0
Timer 1 Operating Mode
Mode
T1M1
T1M0
Operation
00013-bit Timer Mode. 8-bit Timer/Counter TH1 with TL1 as 5-bit prescaler.
10116-bit Timer Mode. TH1 and TL1 are cascaded to form a 16-bit Timer/Counter.
210
8-bit Auto Reload Mode. TH1 holds a value which is reloaded into 8-bit Timer/Counter
TL1 each time it overflows.
311Timer/Counter 1 is stopped
GATE0
Timer 0 Gating Control. When set, Timer/Counter 0 is enabled only while INT0 pin is high and TR0 control pin is set.
When cleared, Timer 0 is enabled whenever TR0 control bit isset.
C/T0
Timer or Counter Selector 0. Cleared for Timer operation (input from internal system clock). Set for Counter operation
(input from T0 input pin). C/T0 must be zero when using Timer 0 in Clock Out mode.
T0M1
T0M0
Timer 0 Operating Mode
Mode
T0M1
T0M0
Operation
00013-bit Timer Mode. 8-bit Timer/Counter TH0 with TL0 as 5-bit prescaler.
10116-bit Timer Mode. TH0 and TL0 are cascaded to form a 16-bit Timer/Counter.
210
8-bit Auto Reload Mode. TH0 holds a value which is reloaded into 8-bit Timer/Counter
TL0 each time it overflows.
311
Split Timer Mode. TL0 is an 8-bit Timer/Counter controlled by the standard Timer 0
control bits. TH0 is an 8-bit timer only controlled by Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com