Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 96Page - ATMEL Corporation AT89LP51 Datasheet HTML 97Page - ATMEL Corporation AT89LP51 Datasheet HTML 98Page - ATMEL Corporation AT89LP51 Datasheet HTML 99Page - ATMEL Corporation AT89LP51 Datasheet HTML 100Page - ATMEL Corporation AT89LP51 Datasheet HTML 101Page - ATMEL Corporation AT89LP51 Datasheet HTML 102Page - ATMEL Corporation AT89LP51 Datasheet HTML 103Page - ATMEL Corporation AT89LP51 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 113 page
background image
100
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Figure 18-9. Shift Register Mode Timing Waveform
18.8
Test Conditions
18.8.1
AC Testing Input/Output Waveform
(1)
Note:
1. AC Inputs during testing are driven at VDD - 0.5V for a logic “1” and 0.45V for a logic “0”. Timing measurements are made at
VIH min. for a logic “1” and VIL max. for a logic “0”.
18.7
Serial Port Timing: Shift Register Mode
The values in this table are valid for V
DD = 2.4V to 5.5V and Load Capacitance = 80 pF.
Symbol
Parameter
SMOD1 = 0
SMOD1 = 1
Units
Min
Max
Min
Max
t
XLXL
Serial Port Clock Cycle Time
4t
CLCL -15
2t
CLCL -15
µs
tQVXH
Output Data Setup to Clock Rising Edge
3tCLCL -15
tCLCL -15
ns
t
XHQX
Output Data Hold after Clock Rising Edge
t
CLCL -15
t
CLCL -15
ns
tXHDX
Input Data Hold after Clock Rising Edge
0
0
ns
tXHDV
Input Data Valid to Clock Rising Edge
15
15
ns
01
2
3
4
5
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Clock
Write to SBUF
Output Data
Clear RI
Input Data
SMOD1 = 0
01
2
3
4
5
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Clock
Write to SBUF
Output Data
Clear RI
Input Data
SMOD1 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com