Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1221 Datasheet HTML 3Page - Maxim Integrated Products MAX1221 Datasheet HTML 4Page - Maxim Integrated Products MAX1221 Datasheet HTML 5Page - Maxim Integrated Products MAX1221 Datasheet HTML 6Page - Maxim Integrated Products MAX1221 Datasheet HTML 7Page - Maxim Integrated Products MAX1221 Datasheet HTML 8Page - Maxim Integrated Products MAX1221 Datasheet HTML 9Page - Maxim Integrated Products MAX1221 Datasheet HTML 10Page - Maxim Integrated Products MAX1221 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 5.25V, external reference VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless other-
wise noted. Typical values are at AVDD = DVDD = 3V. TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Positive-Supply Rejection
PSRA
Full-scale input, AVDD = 2.7V to 5.25V
±0.06
±0.5
mV
TIMING CHARACTERISTICS (Figures 6–13)
SCLK Clock Period
tCP
40
ns
SCLK Pulse-Width High
tCH
40/60 duty cycle
16
ns
SCLK Pulse-Width Low
tCL
60/40 duty cycle
16
ns
GPIO Output Rise/Fall After
CS Rise
tGOD
CLOAD = 20pF
100
ns
GPIO Input Setup Before CS Fall
tGSU
0ns
LDAC Pulse Width
tLDACPWL
20
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Fall to DOUT Transition
(Note 16)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Rise to DOUT Transition
(Notes 16, 17)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CS Fall to SCLK Fall Setup Time
tCSS
10
ns
SCLK Fall to CS Rise Setup Time
tCSH
0
2000
ns
DIN to SCLK Fall Setup Time
tDS
10
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse-Width High
tCSPWH
50
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 20pF
25
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 20pF
1.5
25.0
ns
EOC Fall to CS Fall
tRDS
30
ns
CKSEL = 01 (temp sense) or CKSEL = 10
(temp sense), internal reference on
65
CKSEL = 01 (temp sense) or CKSEL = 10
(temp sense), internal reference initially off
140
CKSEL = 01 (voltage conversion)
9
CKSEL = 10 (voltage conversion), internal
reference on
9
CS or CNVST Rise to EOC
Fall—Internally Clocked
Conversion Time
tDOV
CKSEL = 10 (voltage conversion), internal
reference initially off
80
µs
CKSEL = 00, CKSEL = 01 (temp sense)
40
ns
CNVST Pulse Width
tCSW
CKSEL = 01 (voltage conversion)
1.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com